Electronic Components Datasheet Search
  English  ▼

X  

SPT7938 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7938
Description  12-BIT, 40 MSPS, 170 mW A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7938 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7938 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
5/24/00
SPT7938
In cases in which wider variations in offset and gain can be
tolerated, VRef can be tied directly to VRHF and AGND can
be tied directly to VRLF as shown in figure 4. Decouple force
and sense lines to AGND with a 0.01
µF capacitor (chip cap
preferred) to minimize high-frequency noise injection. If this
simplified configuration is used, the following considerations
should be taken into account:
The reference ladder circuit shown in figure 4 is a simplified
representation of the actual reference ladder with force and
sense taps shown. Due to the actual internal structure of the
ladder, the voltage drop from VRHF to VRHS is not equivalent
to the voltage drop from VRLF to VRLS.
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF – VRHS = 0.5% of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will equal:
VRLS – VRLF = 1.25% of (VRHF – VRLF) (typical).
Figure 4 shows an example of expected voltage drops for a
specific case. VREF of 4.0 V is applied to VRHF and VRLF is
tied to AGND. A 21 mV drop is seen at VRHS (= 3.98 V) and
a 50 mV increase is seen at VRLS (= 0.050 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from VRLS
to VRHS (typically 4.0 V) and will scale proportionally with re-
spect to the voltage reference. (See the Voltage Reference
section.)
The drive requirements for the analog inputs are very mini-
mal when compared to most other converters due to the
SPT7938’s extremely low input capacitance of only 20 pF
and very high input resistance in excess of 25 k
Ω.
The analog input should be protected through a series resis-
tor and diode clamping circuit as shown in figure 5. To pre-
vent possible latch-up condition, the power supplies must
be powered up before the input is applied.
Figure 4 – Simplified Reference Ladder Drive Circuit
Without Force/Sense Circuit
R/2
R
R
R
R
R
R
R/2
R=30
Ω (typ)
All capacitors are 0.01
µF
VRLF (AGND)
0.0 V
VRLS
(0.050 V)
VRHS
(+3.98 V)
21 mV
50 mV
+4.0 V
External
Reference
CALIBRATION
The SPT7938 uses a user-transparent, auto-calibration
scheme to ensure 12-bit accuracy over time and tempera-
ture. Gain and offset errors are continually adjusted to 12-bit
accuracy during device operation.
Upon powerup, the SPT7938 begins its calibration algo-
rithm. In order to achieve the calibration accuracy required,
the offset and gain adjustment step size is a fraction of a 12-
bit LSB. Since the calibration algorithm is an oversampling
process, a minimum of 10,000 clock cycles are required.
This results in a minimum calibration time upon power-up of
250
µsec (for a 40 MHz clock). Once calibrated, the
SPT7938 remains calibrated over time and temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7938 to remain in calibration.
Figure 5 – Recommended Input Protection Circuit
47
Ω
D1
D2
ADC
Buffer
AVDD
+V
–V
D1 = D2 = Hewlett Packard HP5712 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com