Electronic Components Datasheet Search
  English  ▼

X  

TMC1203 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button TMC1203 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TMC1203
PRODUCT SPECIFICATION
6
Equivalent Circuits
Figure 2. Equivalent Digital Input Circuit
Figure 3. Equivalent Digital Output Circuit
Figure 4. Equivalent Analog Input Circuit
Figure 5. Threshold Levels for Three-State Measurements
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltages
VDDA
Measured to AGND
-0.5
+7.0
V
VDDP
Measured to DGND
-0.5
+7.0
V
VDD
Measured to DGND
-0.5
+7.0
V
VDDA
Measured to VDD
-0.5
+0.5
V
VDDP
Measured to VDD
-0.5
+0.5
V
AGND
Measured to DGND
-0.5
+0.5
V
Digital Inputs
Applied Voltage
Measured to DGND2
-0.5
VDD + 0.5
V
Forced current 3, 4
-10.0
+10.0
mA
Digital
Input
VDD
p
n
27014B
GND
VDD
p
n
27011B
GND
Digital
Output
VDDA
VRT
VRB
AGND
VIN
29030
7048B
tENA
2.0V
0.8V
tDIS
Three-State
Outputs
OE
High Impedance
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com