Electronic Components Datasheet Search
  English  ▼

X  

TMC1203 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC1203 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PRODUCT SPECIFICATION
TMC1203
9
Switching Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
fS
Conversion Rate
TMC1203-20
20
Msps
TMC1203-40
40
Msps
TMC1203-50
50
Msps
tPWH
CLKX Pulsewidth, HIGH
TMC1203-20
14
ns
TMC1203-40
14
ns
TMC1203-50
12
ns
tPWL
CLKX Pulsewidth, LOW
TMC1203-20
8
ns
TMC1203-40
8
ns
TMC1203-50
7
ns
EAP
Aperture Error
30
ps
tSTO
Sampling Time Offset
1
2
5
ns
tSTS
Sampling Time Skew
150
400
ps
tHO
Output Hold Time
CLOAD = 15pF
9
ns
tDO
Output Delay Time
14
ns
tENA
Output Enable Time
27
ns
tDIS
Output Disable Time
42
ns
System Performance Characteristics
Parameter
Conditions
Min.2
Typ1
Max.2
Units
ELI
Integral Linearity Error,
Independent
VRT = 2.6V
±0.5
LSB
ELD
Differential Linearity Error
VRB = 0.6V
±0.5
LSB
BW
Bandwidth1
TMC1203-20
10
MHz
TMC1203-40
12
MHz
TMC1203-50
12
MHz
EOT
Offset Voltage, Top
(RT - VIN for most positive
code transition)
VRT = 2.6V, VRB = 0.6V
-40
80
mV
EOB
Offset Voltage, Bottom
(RB - VIN for most negative
code transition)
VRT = 2.6V, VRB = 0.6V
-95
-30
mV
dg
Differential Gain
fS = 14.3Msps
NTSC 40 IRE Mod Ramp
VDDA = +5.0V, TA=25
°C
VRT = 2.6V, VRB = 0.6V
1.8
%
dp
Differential Phase
fS = 14.3Msps
NTSC 40 IRE Mod Ramp
VDDA = +5.0V, TA=25
°C
VRT = 2.6V, VRB = 0.6V
0.7
deg
XTALK
Channel Crosstalk
fN = 5.0 MHz
45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com