Electronic Components Datasheet Search
  English  ▼

X  

TMC1203 Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
TMC1203
PRODUCT SPECIFICATION
5/20/98 0.0m 001
Stock# DS70001203
Ordering Information
Product Number
Conversion
Rate (Msps)
Temperature Range
Screening
Package
Package Marking
TMC1203KLC20
20 Msps
TA = 0
°C to 70°C
Commercial
80-Lead MQFP
1203KLC20
TMC1203KLC40
40 Msps
TA = 0
°C to 70°C
Commercial
80-Lead MQFP
1203KLC40
TMC1203KLC50
50 Msps
TA = 0
°C to 70°C
Commercial
80-Lead MQFP
1203KLC50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com