Electronic Components Datasheet Search
  English  ▼

X  

TMC2193 Datasheet(PDF) 48 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 48 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 50Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 51Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 52Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
48
REV. 1.0 3/26/03
Control Register Definitions (continued)
VBI Ped Enable Register (0x17)
76543210
VBIPEDOL
HVA
Reg
Bit
Name
Description
17
7-1
VBIPEDOM
VBI Pedestal Enable, Odd Fields.
VBIPEDOL is the bits 6-0 of VBIPEDO[14:0]. VBIPEDO controls the
addition of pedestal on a line by line basis from line 273 (VBIPEDE[0] =
HIGH) to line 286 (VBIPEDE[13] = HIGH) in the ODD field of NTSC.
VBIPEDO[14] controls the pedestal from line 287 to line 525 inclusive.
17
0
HVA
Horizontal and Vertical Sync Alignment.
When HVA is LOW, the falling edge of HSIN and VSIN must occur just prior
to the rising edge of PXCK to start an field 1. When HVA is HIGH, VSIN is
allowed to vary from HSIN by
±32 pixels.
Vertical Blanking Interval Enable Register (0x18)
76543210
Reserved
GLKCTL1
GLKCTL0
VBIENF1
Reg
Bit
Name
Description
18
7
Reserved
18
6
GLKCTL1
Genlock Control Register 1.
When GLKCTL1 is LOW, the PALODD bit of the GRS stream is ignored.
When GLKCTL1 is HIGH, the PALODD bit of the GRS stream controls the
PALODD flip of the subcarrier.
18
5
GLKCTL0
Genlock Control Register 0.
When GLKCTL0 is LOW, the Color Frame bit of the GRS stream is ignored.
When GLKCTL0 is HIGH, the Color Frame bit of the GRS stream controls
the field sequence in the FVHGEN.
18
4-0
VBIENF
VBI Active Video Enable, Field 1.
The value of VBIENF1 determines which line blanking stops and active line
for EVEN fields in NTSC starting from line 4 to line 35 or an ODD fields for
PAL starting from line 1 to line 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com