Electronic Components Datasheet Search
  English  ▼

X  

TMC2193 Datasheet(PDF) 63 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 63 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 67Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
63
tSP
Setup Time
16
ns
tHP
Hold Time
0
ns
Parallel Microprocessor Interface
tPWLCS
CS Pulse Width, LOW
4
PXCK
tPWHCS
CS Pulse Width, HIGH
6
PXCK
tSA
Address Setup Time
17
ns
tHA
Address Hold Time
0
ns
tSD
Data Setup Time (write)
16
ns
tHD
Data Hold Time (write)
0
ns
tSR
RESET Setup Time
12
ns
tHR
RESET Hold Time
2
ns
Serial Interface
tD/AL
SCL Pulse Width, LOW
1.3
µs
tD/AH
SCL Pulse Width, HIGH
0.6
µs
tSTAH
SDA Start Hold Time
0.6
µs
tSTASU
SCL to SDA Setup Time (Stop)
0.6
µs
tSTOSU
SCL to SDA Setup Time (Start)
0.6
µs
tBUFF
SDA Stop Hold Time Setup
1.3
µs
tDSU
SDA to SCL Data Setup Time
300
ns
tDHO
SDA to SCL Data Hold Time
300
ns
Operating Conditions (continued)
Parameter
Min.
Nom.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com