Electronic Components Datasheet Search
  English  ▼

X  

TMC2193 Datasheet(PDF) 27 Page - Cadeka Microcircuits LLC.

Part # TMC2193
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193 Datasheet(HTML) 27 Page - Cadeka Microcircuits LLC.

Back Button TMC2193 Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2193 Datasheet HTML 31Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
27
Interpolation Filters
Each video output on the TMC2193 is digitally filtered with
sharp-cutoff low-pass interpolation filters. These filters
ensure that the frequency band above base-band video and
below the pixel frequency (fS/4 to 3fS/4, where fS is the
PXCK frequency) are sufficiently suppressed.
Since these are fixed-coefficient digital filters, their filter
characteristics depend upon clock rate.
Figure 18. Interpolation Filter
Figure 19. Interpolation Filter – Passband Detail
x/Sin(x) Filter
Control Registers for this section
The TMC2193 contains a selectable X/sin(X) filter prior to
each DAC. The X/sin(X) filter boosts the high frequency
data to negate the sin(X)/X roll-off associated with D/A con-
verters.
Figure 20. X/SIN(X) Filter
Output Data Formats
Control Registers for this section
The selection of the output format is determined by the
OUTMODE control register.
-80
-70
-60
-50
-40
-30
-20
-10
10
0
0
0.2
0.4
0.6
0.8
1
Frequency (Pixel rate)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
0
0.1
0.2
0.3
0.4
0.5
Frequency (Pixel rate)
Address
Bit(s)
Name
0x11
4
SINEN
Address
Bit(s)
Name
0x10
7
DAC4DIS
0x10
6
DAC3DIS
0x10
5
DAC2DIS
0x10
4
DAC1DIS
0x10
1-0
OUTMODE
0x11
6
OFMT
0x11
3
REFSEL
0x3F
7
SEL_CLK
0x3F
4
SEL_PIX
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (PXCK)
Compensated
D/A Output
Sin(x)/x D/A Roll-Off
X/Sin(x) Filter
Table 17. D/A Outputs
Description
Ref. DAC
DAC1
DAC2
DAC3
DAC4
RGB
ref.
Green
Blue
Red
Comp2/overlay
Y PB PR
ref.
Y
PB
PR
Comp2/overlay
S-VIDEO
ref.
Comp1
Y
Chroma
Comp2/overlay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com