Electronic Components Datasheet Search
  English  ▼

X  

HS-7239 Datasheet(PDF) 18 Page - BOSER Technology Co., Ltd

Part # HS-7239
Description  Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7239 Datasheet(HTML) 18 Page - BOSER Technology Co., Ltd

Back Button HS-7239 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 22Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
12
J2: Inverter Power In Connector
PIN
Description
1
+12V
2
+12V
3
+5V
4
BackLight Enabled
5
LCD Enabled
6
GND
1
6
Panel2: 24-bit LVDS Panel Connector
PIN Description PIN Description
1
VCC3
2
VCC3
3
GND
4
GND
5
B0M
6
B0P
7
B1M
8
B1P
9
B2M
10
B2P
11
CLKBM
12
CLKBP
13
B3M
14
B3P
1
2
14
13
Panel1: 24-bit LVDS Panel Connector
PIN Description PIN Description
1
VCC3
2
VCC3
3
GND
4
GND
5
A0M
6
A0P
7
A1M
8
A1P
9
A2M
10
A2P
11
CLKAM
12
CLKAP
13
A3M
14
A3P
1
2
14
13
NOTE:
If using Panel2/Panel1 only, it just supports 24-bit LVDS Panel; If
you want to use 48-bit LVDS Panel, please using Panel2 and
Panel1 combinedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com