Electronic Components Datasheet Search
  English  ▼

X  

HS-7239 Datasheet(PDF) 33 Page - BOSER Technology Co., Ltd

Part # HS-7239
Description  Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7239 Datasheet(HTML) 33 Page - BOSER Technology Co., Ltd

Back Button HS-7239 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 37Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
27
4.5 Advanced BIOS Features
This section allows you to configure your system for the basic
operation. You have the opportunity to select the system’s default
speed, boot-up sequence, keyboard operation, shadowing and
security.
Phoenix – AwardBIOS CMOS Setup Utility
Advanced CMOS Features
CPU Feature
[Press Enter]
Item Help
Hard Disk Boot Priority
[Press Enter]
Menu Level
Virus Warning
[Disabled]
CPU L1 Cache
[Enabled]
CPU L2 Cache
[Enabled]
Quick Power On Self Test
[Enabled]
First Boot Device
[Floppy]
Second Boot Device
[Hard Disk]
Third Boot Device
[LS120]
Boot Other Device
[Enabled]
Boot Up Floppy Seek
[Enabled]
Boot Up NumLock Status
[On]
Gate A20 Option
[Fast]
OS Select For DRAM > 64MB
[Non-OS2]
: Select Item
+/-/PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults
Phoenix – AwardBIOS CMOS Setup Utility
CPU Feature
Thermal Management
[Thermal Monitor 1]
Item Help
TM2 Bus Ratio
[0 X]
Menu Level
TM2 Bus VID
[0.700V]
Thermal Monitor 1 (On
die throtting)
Thermal Monitor 2
Ratio & VID transition)
: Select Item
+/-/PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults
Phoenix – AwardBIOS CMOS Setup Utility
Hard Disk Boot Priority
1. Pri.Master
:
Item Help
2. Pri.Slave
:
Menu Level
3. Sec.Master
:
4. Sec.Slave
:
5. USBHDD0
:
6. USBHDD1
:
7. USBHDD2
:
8. Bootable Add-in Cards
: Select Item
+/-/PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com