Electronic Components Datasheet Search
  English  ▼

X  

HS-7239 Datasheet(PDF) 3 Page - BOSER Technology Co., Ltd

Part # HS-7239
Description  Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7239 Datasheet(HTML) 3 Page - BOSER Technology Co., Ltd

  HS-7239 Datasheet HTML 1Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 2Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 3Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-7239 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
Table of Contents
Chapter 1 General Description ..................................1
1.1
Major Features ............................................................. 2
1.2
Specifications .............................................................. 3
1.3
Board Dimensions....................................................... 4
Chapter 2 Unpacking ..................................................5
2.1
Opening the Delivery Package................................... 5
2.2
Inspection..................................................................... 5
Chapter 3 Hardware Installation ..............................7
3.1
Before Installation ....................................................... 7
3.2
Board Layout ............................................................... 8
3.3
Jumper List .................................................................. 9
3.4
Connector List ............................................................. 9
3.5
Configuring the CPU ................................................. 10
3.6
System Memory ......................................................... 10
3.7
VGA Controller............................................................11
3.8
PCI E-IDE Drive Connector....................................... 12
3.9
Floppy Disk Drive Connector ................................... 15
3.10
Serial Port Connectors.............................................. 16
3.11
Parallel Connector..................................................... 17
3.12
Ethernet Connector ................................................... 18
3.13
USB Connector .......................................................... 18
3.14
CMOS Data Clear ....................................................... 18
3.15
Power and Fan Connectors...................................... 19
3.16
Keyboard/Mouse Connector .................................... 19
3.17
System Front Panel Connectors.............................. 20
3.18
Watchdog Timer......................................................... 20
3.19
Audio Connectors ..................................................... 21
3.20
CompactFlash
 Connector...................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com