Electronic Components Datasheet Search
  English  ▼

X  

HS-7250 Datasheet(PDF) 14 Page - BOSER Technology Co., Ltd

Part # HS-7250
Description  Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7250 Datasheet(HTML) 14 Page - BOSER Technology Co., Ltd

Back Button HS-7250 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 18Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
8
3.2 Board Layout
3.3 Jumper List
Jumper
Default Setting
Setting Page
JP1
Onboard LAN 2 Enabled/Disabled Select:
Enabled
Short 1-2
15
JP2
Clear CMOS: Normal Operation
Short 1-2
17
JP3
Short 3-4
9
JP6
System Frequency Select: 400MHz
Short 1-2
9
JP4
COM 2 Use RS-232 or RS-422/485 Select:
RS-232
Open
14
JP7
AT/ATX Power Mode Select: AT
Short 1-2
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com