Electronic Components Datasheet Search
  English  ▼

X  

HS-7250 Datasheet(PDF) 18 Page - BOSER Technology Co., Ltd

Part # HS-7250
Description  Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7250 Datasheet(HTML) 18 Page - BOSER Technology Co., Ltd

Back Button HS-7250 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 22Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
12
CN9: DVI-I Connector
PIN Description PIN Description
1
TDC2J
2
TDC2
3
GND
4
N/C
5
N/C
6
DDCCLK
7
DDCDATA
8
VSYNC
9
TDC1J
10
TDC1
11
GND
12
N/C
13
N/C
14
VCC5
15
GND
16
HPDET
17
TEC0-
18
TDC0
19
GND
20
N/C
21
N/C
22
GND
23
TLC
24
TLC1
25
RED
26
GREEN
27
BLUE
28
HSYNC
29
GND
PANEL2/PANEL1: LVDS Interface Connector
PIN Description PIN Description
1
VLCD
2
VLCD
3
GND
4
GND
5
B0(-)/A0(-)
6
B0(+)/A0(+)
7
B1(-)/A1(-)
8
B1(+)/A1(+)
9
B2(-)/A2(-)
10
B2(+)/A2(+)
11
CLK(-)
12
CLK(+)
13
B3(-)/A3(-)
14
B3P/A3(+)
12
13
14
NOTE:
LVDS cable should be produced very carefully. A0(-) & A0(+)
have to be fabricated in twister pair (A1(-) & A1(+), A2(-) & A2(+)
and so on) otherwise the signal won’t be stable.
NOTE:
If use PANEL2 only, it just supports 18-bit single channel LVDS
panel; If you want to use 36-bit dual channel LVDS panel, please
use PANEL2 and PANEL1 combined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com