Electronic Components Datasheet Search
  English  ▼

X  

HS-7250 Datasheet(PDF) 39 Page - BOSER Technology Co., Ltd

Part # HS-7250
Description  Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7250 Datasheet(HTML) 39 Page - BOSER Technology Co., Ltd

Back Button HS-7250 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 43Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
33
4.10 PC Health Status
Phoenix - AwardBIOS CMOS Setup Utility
PC Health Status
CPU Warning Temperature
[Disabled]
Item Help
Current CPU Temperature
Current SYSTEM Temperature
Current CPUFAN Speed
VCORE
+3.3V
+5V
+12V
VBAT(V)
Shutdown Temperature
[Disabled]
↑↓← →
: Select Item
+/-/PU/PD: Value
F10: Save
Esc: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults
4.11 Frequency/Voltage Control
Phoenix - AwardBIOS CMOS Setup Utility
Frequency/Voltage Control
Auto Detect PCI Clk
[Enabled]
Item Help
Spread Specturm
[Disabled]
↑↓← →
: Select Item
+/-/PU/PD: Value
F10: Save
Esc: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com