Electronic Components Datasheet Search
  English  ▼

X  

RC-741 Datasheet(PDF) 19 Page - BOSER Technology Co., Ltd

Part # RC-741
Description  19??4U High, Full-size Rackmount Chassis
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-741 Datasheet(HTML) 19 Page - BOSER Technology Co., Ltd

Back Button RC-741 Datasheet HTML 15Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 16Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 17Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 18Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 19Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 20Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 21Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 22Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 23Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
13
3.2.2 Power Supply Installation
1.
Secure the power supply unit with 6#-32 hex screws on the
chassis.
2.
Connect the 20-pin ATX power plug to the ATX power connector
on backplane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com