Electronic Components Datasheet Search
  English  ▼

X  

RC-741 Datasheet(PDF) 3 Page - BOSER Technology Co., Ltd

Part # RC-741
Description  19??4U High, Full-size Rackmount Chassis
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-741 Datasheet(HTML) 3 Page - BOSER Technology Co., Ltd

  RC-741 Datasheet HTML 1Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 2Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 3Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 4Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 5Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 6Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 7Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 8Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Table of Contents
Chapter 1 Introduction ..............................................1
1.1 General Description .............................................................. 1
1.2 Features.................................................................................. 2
1.3 Specifications ........................................................................ 2
1.4 Backplane............................................................................... 3
1.5 Chassis Dimensions ............................................................. 4
Chapter 2 Unpacking .................................................5
2.1 Delivery Package................................................................... 5
2.2 Front Sides............................................................................. 6
2.3 Rear Sides .............................................................................. 8
Chapter 3 Assembly, Disassembly...........................11
3.1 Removing the Top Cover.................................................... 11
3.2 Assembly Backplane & Power Supply.............................. 12
3.2.1 Backplane Installation ..............................................................................12
3.2.2 Power Supply Installation........................................................................13
3.2.3 SBC and Extension Cards Installation................................................14
3.2.4 Installation Disk Drives .............................................................................15
Chapter 4 250W ATX Power Supply ......................17
4.1 Specifications ...................................................................... 17
4.2 Dimensions .......................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com