Electronic Components Datasheet Search
  English  ▼

X  

RC-741 Datasheet(PDF) 4 Page - BOSER Technology Co., Ltd

Part # RC-741
Description  19??4U High, Full-size Rackmount Chassis
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-741 Datasheet(HTML) 4 Page - BOSER Technology Co., Ltd

  RC-741 Datasheet HTML 1Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 2Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 3Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 4Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 5Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 6Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 7Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 8Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Safety Instructions
Please read this section carefully and observe the instructions for you
own safety and correct use of the device. It also contains information on
approval and interference suppression of your machine.
Observe the warnings and instructions on the device and in the
manual.
In order to maintain this condition and ensure safe operation, the user
must observe the instructions and warnings contained in this manual.
The device must be used in accordance with the instruction for use.
The electrical installations in the room must correspond to the
requirements of the respective regulations.
Take care that there are no cables, particularly mains cables, in areas
where persons can trip over them.
DO NOT use a mains connection in sockets shared by a number of other
power consumers. DO NOT use an extension cable.
Only use the mains cable supplied.
The unit is complete disconnected from the power source, only when the
power cord is disconnected from the power source. Therefore the power
cord and its connectors must always remain easily accessible.
DO NOT set up the device in the proximity of heat sources or in a damp
location. Make sure the device has adequate ventilation.
All plugs on the connection cables must be screwed or locked to the
housing.
NOTE:
DO NOT TOUCH THE BOARD OR ANY OTHER SENSITIVE
COMPONENTS WITHOUT ALL NECESSARY ANTI-STATIC
PROTECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com