Electronic Components Datasheet Search
  English  ▼

X  

NCP5021 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP5021
Description  High Voltage White LED Driver with Ambient Light Sensing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5021 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP5021 Datasheet HTML 9Page - ON Semiconductor NCP5021 Datasheet HTML 10Page - ON Semiconductor NCP5021 Datasheet HTML 11Page - ON Semiconductor NCP5021 Datasheet HTML 12Page - ON Semiconductor NCP5021 Datasheet HTML 13Page - ON Semiconductor NCP5021 Datasheet HTML 14Page - ON Semiconductor NCP5021 Datasheet HTML 15Page - ON Semiconductor NCP5021 Datasheet HTML 16Page - ON Semiconductor NCP5021 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP5021
http://onsemi.com
13
Figure 11. Typical Gradual Dimming DOWNWARD
Backlight Dimming
The built−in I2C interface provides a simple way to
accurately control the output peak current flowing in the
LED. The internal register ILEDREG[7:0] is set up by the
content of the SDA byte send by the external MCU. For
typical application, the 100
mA reference current forced by
the external resistor yields a 25 mA maximum in the output
LED. The waveforms given on illustrate a normal
programming sequence.
Table 12. ILEDREG[0..7]
B7
B6
B5
B4
B3
B2
B1
B0
step
0
0
0
ILED16
ILED8
ILED4
ILED2
ILED1
RESET
0
0
0
0
0
0
0
0
[B7:B6] = Reserved for future use
[B4..B0] = Output LED mA/step current. The content of these bits is latched to the current reference on the 8th SCL clock pulse.
Ambient Light Control
The ambient light can be monitored, by an extra photo
diode, to automatically adjust the I−LED peak current as a
function of the ambient light. A dedicated I2C command is
used to activated or de−activated this function. On the other
hand, the end user shall set up the maximum I−LED current
by means of an I2C command. The photo sense is
automatically de−activated when an I2C command is send
through the port, and resume to the pre−programmed status
when the I2C command is completed.
The concept is based on analog monitoring of the I−LED
current and the photo sense feedback, associated to a
Up/Down counter to properly setup the contrast at display
level. The photo sense action is bounded by two limits:
1. upper I−LED as defined by the en user : the photo
sense cannot increase the I−LED above such a
limit
2. lower I−LED as defined by the en user : the photo
sense cannot reduce the back light current to
zero.
When the photo sense activates the counter (in either
direction), a selectable low frequency clock drive the
counter, yielding a smooth and slow brightness variation.
The 100 Hz noise, coming from the standard fluorescent
tubes, is filter out by means of an external network built
between the photo sensor and the AMBS pin. Generally
speaking, such a filter is built with a RC network designed
to cope with the electrical performances of the selected
photo sense. As a consequence, the AMBS pin is biased by
a low level voltage signal and processed accordingly the
ambient light control structure: see Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com