Electronic Components Datasheet Search
  English  ▼

X  

NCP5021 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5021
Description  High Voltage White LED Driver with Ambient Light Sensing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5021 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5021 Datasheet HTML 1Page - ON Semiconductor NCP5021 Datasheet HTML 2Page - ON Semiconductor NCP5021 Datasheet HTML 3Page - ON Semiconductor NCP5021 Datasheet HTML 4Page - ON Semiconductor NCP5021 Datasheet HTML 5Page - ON Semiconductor NCP5021 Datasheet HTML 6Page - ON Semiconductor NCP5021 Datasheet HTML 7Page - ON Semiconductor NCP5021 Datasheet HTML 8Page - ON Semiconductor NCP5021 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP5021
http://onsemi.com
2
Table 1. PIN DESCRIPTIONS
PIN
Name
Type
Description
1
SCL
INPUT,
DIGITAL
This pin carries the I2C clock to control the DC/DC converter and to set up the output current and
the photo sensor. The SCL clock is associated with the SDA signal.
2
SDA
INPUT,
DIGITAL
This pin carries the data provided by the I2C protocol. The content of the SDA byte is used to pro-
gram the mode of operation and to set up the output current.
3
I2CADR
INPUT,
DIGITAL
This pin is used to select the I2C address of the NCP5021:
− I2CADR = Low ³ address = %0111 0010 = $72
− I2CADR = High ³ address = %0111 0100 = $74
In order to avoid any risk during the operation, the digital levels are intended to be hardwired prior to
power up the system.
4
VSB
POWER,
OUTPUT
This pin provides a switched voltage, derived from the Vbat supply, to bias the external photo sense.
The current capability of this voltage is 1 mA.
The VSB pin is disconnected when the Shutdown mode has been engaged.
5
AMBS
INPUT,
ANALOG
This pin senses the voltage developed across the external Photo Bias resistor. Since this is a very
high impedance input, cares must be observed to minimize the leakage current and the noise that
may influence the photo sense analog function. The bias parameters associated with the AMBS pin
are reloaded when the chip resumes from Shutdown to Normal operation.
6
IPK
INPUT,
ANALOG
This pin provides the inductor peak current during normal operation. In no case shall the voltage at
IPK pin be forced either higher or lower than the 1144 mV provided by the internal reference.
7
IREF
INPUT,
ANALOG
This pin provides the reference current, based on the internal band−gap voltage reference, to con-
trol the output current flowing in the LED. A 1% tolerance, or better, resistor shall be used to get the
highest accuracy of the LED biases. An external current source can be used to bias this pin to dim
the light coming out of the LED.
In no case shall the voltage at IREF pin be forced either higher or lower than the 1144 mV provided
by the internal reference.
8
AGND
POWER
This pin is the GROUND signal for the analog and digital blocks and must be connected to the sys-
tem ground. A ground plane is strongly recommended.
9
FB
INPUT,
ANALOG
This pin is the current sense of the series arranged LED. The built−in current mirror will automatic-
ally adapt the voltage drop across this pin (typically 400 mV).
10
NC
This pin shall be left open for normal operation.
11
NC
This pin shall be left open for normal operation.
12
NC
This pin shall be left open for normal operation.
13
Lx
POWER
The external inductor shall be connected between this pin (drain of the internal Power switch) and
Vbat. The voltage is internally clamped at 40 V under worst case conditions. The external Schottky
diode shall be connected as close as possible to this pin. See Note 1 for ESR recommendations.
14
PGND
POWER
This pin is the GROUND reference for the DC/DC converter and the output current control. The pin
must be connected to the system ground, a ground plane being strongly recommended.
15
VBAT
INPUT,
POWER
Input Battery voltage to supply the analog , the digital blocks and the main Power switch driver. The
pin must be decoupled to ground by a 10 mF ceramic capacitor.
16
Vos
OUTPUT,
POWER
This pin senses the output voltage supplied by the DC/DC converter. The Vos pin must be by-
passed by 1.0 mF/50 V ceramic capacitor located as close as possible to the pin to properly bypass
the output voltage to ground. The circuit shall not operate without such bypass capacitor connected
to the Vos pin.
The output voltage is internally clamped to 40 V maximum in the event of no load situation.
NOTE: Due to the very fast dV/dt transient developed during the operation, using a low pass filter is
strongly recommended as depicted in the schematic diagram Figure 1.
NC
−
Not
Connected
Back side exposed pad is not internally connected and can be either left floating or connected to the
system Ground.
1. Using low ESR ceramic capacitor (X5R or better) and low ESR inductor with minimum Eddie losses is mandatory to optimize the DC/DC
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com