Electronic Components Datasheet Search
  English  ▼

X  

NCP5021 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5021
Description  High Voltage White LED Driver with Ambient Light Sensing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5021 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5021 Datasheet HTML 1Page - ON Semiconductor NCP5021 Datasheet HTML 2Page - ON Semiconductor NCP5021 Datasheet HTML 3Page - ON Semiconductor NCP5021 Datasheet HTML 4Page - ON Semiconductor NCP5021 Datasheet HTML 5Page - ON Semiconductor NCP5021 Datasheet HTML 6Page - ON Semiconductor NCP5021 Datasheet HTML 7Page - ON Semiconductor NCP5021 Datasheet HTML 8Page - ON Semiconductor NCP5021 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP5021
http://onsemi.com
3
Table 2. MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VBAT
Power Supply
−0.3 < V < 7.0
V
VLX
Output Switching Voltage
34
V
SCL, SDA
Digital Input Voltage
Digital Input Current
−0.3 < V < VBAT
1
V
mA
ESD
Human Body Model: R = 1500 W, C = 100 pF (Note 2)
Machine Model
2
200
kV
V
PD
RqJC
RqJA
LLGA16 package
Power Dissipation @ TA = +85°C (Note 3)
Thermal Resistance Junction to Case
Thermal Resistance Junction to Air
300
50
130
mW
°C/W
°C/W
TA
Operating Ambient Temperature Range
−40 to +85
°C
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
+150
°C
Tstg
Storage Temperature Range
−65 to +150
°C
Latch−up current maximum rating per JEDEC standard: JESD78.
±100
mA
MSL
Moisture Sensitivity Level (Note 4)
1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) ±2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM) ±200 V per JEDEC standard: JESD22−A115
3. The maximum package power dissipation limit must not be exceeded.
4. per IPC/JEDEC standard: J−STD−020A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com