Electronic Components Datasheet Search
  English  ▼

X  

215 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # 215
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

215 Datasheet(HTML) 5 Page - rfsolutions.ltd

  215 Datasheet HTML 1Page - rfsolutions.ltd 215 Datasheet HTML 2Page - rfsolutions.ltd 215 Datasheet HTML 3Page - rfsolutions.ltd 215 Datasheet HTML 4Page - rfsolutions.ltd 215 Datasheet HTML 5Page - rfsolutions.ltd 215 Datasheet HTML 6Page - rfsolutions.ltd 215 Datasheet HTML 7Page - rfsolutions.ltd 215 Datasheet HTML 8Page - rfsolutions.ltd 215 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 5
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
1.2
Pre-Configure a 210Rx to operate with a 200/201 Tx series transmitter
1.
Ensure option link J8 is open.
2.
Apply power to the 210Rx, All output LEDS flash alternately. This is factory reset default state.
3.
Apply power to any 200 or 201 Tx and briefly operate any input by shorting any of the input terminals on
the transmitter (ensure Enable link is fitted!), to force a transmit.
4.
The 210Rx. LED2 flashes 5 times to indicate that the 210Rx is now configured for use with 200 / 201Tx.
5.
Each time power is applied the 210Rx, LED2 flashes 5 times to show it is configured to operate with
200Tx transmitters.
6.
Configuration is now complete and 200/201 transmitter unit(s) can be learned to the 210Rx receiver.
Note: Option links LK 1-16 have no affect on the operation of the remote telemetry system.
1.3
Marry a 200/201 Tx to a 210Rx
1.
On the 200/201 Tx, remove the Link header ‘OPT1‘ (auto Tx). (prevents automatic transmission during
the learn process).
2.
On the 210Rx Ensure option link J8 is open.
3.
Apply power to the 210Rx, note that LED2 flashes 5 times to show it is configured for use with 200Tx
transmitters.
4.
Briefly press the 210Rx Learn Switch: Note that the 210Rx Learn LED (LED 17) will flash.
5.
Wait until the 210Rx Learn LED has stopped flashing but is still illuminated.
6.
Apply power to any 200/201 Tx and briefly operate any input by shorting any of the input terminals on the
Transmitter (ensure Enable link is fitted!), to force a transmit.
7.
Note that the 210Rx learn LED will turn off.
8.
The learn cycle is now complete and the transmitter/encoder will operate the systems.
1.4
Erasing the 210Rx Receiver Outputs (Return to Factory Default State)
1. To completely erase the 210Rx decoder’s memory, press and hold the 210Rx learn switch.
2. The learn LED will illuminate
3. Hold the learn switch until the learn LED extinguishes (approx 10 seconds).
4. Release the learn button and all the output LED’s will now flash alternately to indicate that all encoder data
has been erased and the 210Rx has returned to factory default state.
Note: It is not possible erase individual transmitters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com