Electronic Components Datasheet Search
  English  ▼

X  

215 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # 215
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

215 Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button 215 Datasheet HTML 3Page - rfsolutions.ltd 215 Datasheet HTML 4Page - rfsolutions.ltd 215 Datasheet HTML 5Page - rfsolutions.ltd 215 Datasheet HTML 6Page - rfsolutions.ltd 215 Datasheet HTML 7Page - rfsolutions.ltd 215 Datasheet HTML 8Page - rfsolutions.ltd 215 Datasheet HTML 9Page - rfsolutions.ltd 215 Datasheet HTML 10Page - rfsolutions.ltd 215 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 7
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Module Technical Specifications
Transmitters
• 8 Input Channels
• Volt Free contact Inputs via Screw Terminals
• 12 / 24Vdc Supply
• Range;
433MHz
up to
200 Metres
433MHz NB up to
1,000 Metres
458MHz
up to
6,000 Metres
• High Security RF Protocol
• Low Power Battery Version
• Auto Transmit Mode
• Automatic ‘Watchdog’ Transmission
• Antenna Supplied
200 Transmitter:
Standard transmitter
201 Transmitter:
Low Power Transmitter . (Designed for battery powered applications)
Part Numbering
Part Number
Description
Range**
(Metres)
Freq
(MHz)
Compatible
Decoders
200-433FR
FM Transmitter
200
433.92
210-433F
200-525NR
FM Narrow Band Transmitter
1,000
434.525
210-525N
200-458FR
FM High Power Transmitter
6,000
458.850
210-458F
201-525NR
FM Narrow Band Transmitter
1,000
434.525
210- 525N
201-458FR
FM High Power Transmitter
6,000
458.850
210-458F
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by upto 50%
I/P 5
8 x Zero Volt Inputs
RF Tx
200/201
Transmitter
12 / 24Vdc
Supply
I/P 6
I/P 7
I/P 8
I/P 1
I/P 2
I/P 3
I/P 4
BNC Socket
Enable 1-8
Auto Tx
8 / 15
This is a simple to use radio transmitter module which can
accept 8 pairs of ‘Volt free’ contacts inputs.
When an input occurs the transmitter will transmit a data packet
over the RF link to an associated receiver. (That has been
learnt into the transmitter). The transmitter continually monitors
the status of its ‘inputs’. It transmits a signal on any input
change and also can be set to transmit automatically every 15
seconds .
Full configuration instructions are given further in this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com