Electronic Components Datasheet Search
  English  ▼

X  

215 Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # 215
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

215 Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button 215 Datasheet HTML 3Page - rfsolutions.ltd 215 Datasheet HTML 4Page - rfsolutions.ltd 215 Datasheet HTML 5Page - rfsolutions.ltd 215 Datasheet HTML 6Page - rfsolutions.ltd 215 Datasheet HTML 7Page - rfsolutions.ltd 215 Datasheet HTML 8Page - rfsolutions.ltd 215 Datasheet HTML 9Page - rfsolutions.ltd 215 Datasheet HTML 10Page - rfsolutions.ltd 215 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 9
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Receivers
Technical Specifications
Dimensions: Within DIN Rail: 138 x 82 mm
(PCB: 133 x 72mm)
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature:
0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage: 12V Supply
10
12
16
V
Supply Voltage: 24V Supply
21
24
30
V
Supply Current : Quiescent
25
mA
Time from Tx Switch depressed to 210Rx output
100
mSecs
Time from Tx Switch release to Decoder output
200
mSecs
Switched output Voltage (I out = 1mA)
Logic Low
Logic High
0
3.5
0.2
3.8
0.8
5
V
V
Part Numbering
Part No
Description
210-433FR
Receiver Decoder 16 Channels DIN Rail Mounting, FM @ 433.92MHz
210-525NR
Receiver Decoder 16 Channels DIN Rail Mounting, FM Narrow Band @
434.525MHz
210-458FR
Receiver Decoder 16 Channels DIN Rail Mounting, FM High Power @ 458.850MHz
Connector
O/P Channels
1
1 - 4
2
5 – 8
3
9 – 12
4
13 – 16
O/P
13-16
Connects to any
Output Module
210Rx
O/P
9-12
O/P
5-8
O/P
1-4
12 / 24Vdc
Supply
BNC Socke t
This DIN rail module performs the radio reception and
decoding for the 200 series modules. It has four output
connectors each with four digital outputs and displays the
output status on LED’s 1-16. Any of the DIN Rail output
modules lug into these connectors marked 1-4
(Connecting cable supplied with output module).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com