Electronic Components Datasheet Search
  English  ▼

X  

X7306 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # X7306
Description  458MHz PZT Telemetry System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X7306 Datasheet(HTML) 4 Page - rfsolutions.ltd

  X7306 Datasheet HTML 1Page - rfsolutions.ltd X7306 Datasheet HTML 2Page - rfsolutions.ltd X7306 Datasheet HTML 3Page - rfsolutions.ltd X7306 Datasheet HTML 4Page - rfsolutions.ltd X7306 Datasheet HTML 5Page - rfsolutions.ltd X7306 Datasheet HTML 6Page - rfsolutions.ltd X7306 Datasheet HTML 7Page - rfsolutions.ltd X7306 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS7306-1 April ’04
©2004 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
458MHz PZT Telemetry System
X7306
RS485
This connection method provides a simplex RS-485 link.
To ensure correct operation:
• Ensure that the polarities of the controller and camera connections are correct.
• Set the jumpers on the transmitter and receiver PCBs to their RS485 settings.
• For a VCL dome camera, set the VCL jumper. For any other manufacturer’s dome camera, set
the Normal jumper.
• Connect 12 VDC 500mA supplies to the Power Input terminals on both the transmitter and
receiver PCBs.
If correct operation does not occur:
• The Polarities of the controller input and camera output must match. If operation does not occur,
swap either the camera or controller connections over and test again.
The RS485 LED indicator will show:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com