Electronic Components Datasheet Search
  English  ▼

X  

X7306 Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # X7306
Description  458MHz PZT Telemetry System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X7306 Datasheet(HTML) 8 Page - rfsolutions.ltd

  X7306 Datasheet HTML 1Page - rfsolutions.ltd X7306 Datasheet HTML 2Page - rfsolutions.ltd X7306 Datasheet HTML 3Page - rfsolutions.ltd X7306 Datasheet HTML 4Page - rfsolutions.ltd X7306 Datasheet HTML 5Page - rfsolutions.ltd X7306 Datasheet HTML 6Page - rfsolutions.ltd X7306 Datasheet HTML 7Page - rfsolutions.ltd X7306 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS7306-1 April ’04
©2004 RF Solutions Ltd, www.rfsolutions.co.uk
Page 8
458MHz PZT Telemetry System
X7306
Long range antennae
For long range applications (between 1 –5 km) use X605 High-gain YAGI antenna.
Part Number
Description
X7306
PZT Telemetry System. Camera control, 500mW, 458MHz
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Email: sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk/
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate, however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F. Solutions as critical components in life support systems is not authorised except with express written approval from R.F. Solutions Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com