Electronic Components Datasheet Search
  English  ▼

X  

X7306 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # X7306
Description  458MHz PZT Telemetry System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X7306 Datasheet(HTML) 6 Page - rfsolutions.ltd

  X7306 Datasheet HTML 1Page - rfsolutions.ltd X7306 Datasheet HTML 2Page - rfsolutions.ltd X7306 Datasheet HTML 3Page - rfsolutions.ltd X7306 Datasheet HTML 4Page - rfsolutions.ltd X7306 Datasheet HTML 5Page - rfsolutions.ltd X7306 Datasheet HTML 6Page - rfsolutions.ltd X7306 Datasheet HTML 7Page - rfsolutions.ltd X7306 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS7306-1 April ’04
©2004 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
458MHz PZT Telemetry System
X7306
•
Set the jumpers on the receiver PCB to their BBV and 20mA settings.
•
Connect 12VDC 500mA supplies to the Power Input terminals on both the transmitter
and receiver PCBs. The 20mA Loop LED indicator will show:
Regular flashing to indicate data processing.
Random flashing indicates interference or transmitter not on:
Static on or off indicates no data present.
Note: The RS232 LED will remain ON when RS232 connections are used.
If correct operation does not occur:
• The camera controller input wires to the Telemetry transmitter are polarised. If operation does not
occur, swap the two wires over and test again.
Baxall 20mA Current Loop



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com