Electronic Components Datasheet Search
  English  ▼

X  

B048F080M24 Datasheet(PDF) 2 Page - Vicor Corporation

Part # B048F080M24
Description  BCM Bus Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F080M24 Datasheet(HTML) 2 Page - Vicor Corporation

  B048F080M24 Datasheet HTML 1Page - Vicor Corporation B048F080M24 Datasheet HTML 2Page - Vicor Corporation B048F080M24 Datasheet HTML 3Page - Vicor Corporation B048F080M24 Datasheet HTML 4Page - Vicor Corporation B048F080M24 Datasheet HTML 5Page - Vicor Corporation B048F080M24 Datasheet HTML 6Page - Vicor Corporation B048F080M24 Datasheet HTML 7Page - Vicor Corporation B048F080M24 Datasheet HTML 8Page - Vicor Corporation B048F080M24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F080T24
Rev. 2.1
Page 2 of 12
V•I Chip Bus Converter Module
Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
38
48
55
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
37.4
Vdc
Input undervoltage turn-off
32.0
Vdc
Input overvoltage turn-on
55.5
Vdc
Input overvoltage turn-off
59.5
Vdc
Input quiescent current
2.5
mA
PC low
Inrush current overshoot
5.9
A
Using test circuit in Figure 20; See Figure 1
Input current
5.4
Adc
Input reflected ripple current
120
mA p-p
Using test circuit in Figure 20; See Figure 4
No load power dissipation
3.2
5.0
W
Internal input capacitance
3.6
µF
Internal input inductance
5
nH
Recommended external input capacitance
47
µF
200 nH maximum source inductance; See Figure 20
Input (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 1 — Inrush transient current at full load and 48 Vin with PC enabled
Figure 2 — Output voltage turn-on waveform with PC enabled at full load
and 48 Vin
Figure 3 — Output voltage turn-on waveform with input turn-on at full
load and 48 Vin
Figure 4 — Input reflected ripple current at full load and 48 Vin
Input Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com