Electronic Components Datasheet Search
  English  ▼

X  

B048F080M24 Datasheet(PDF) 4 Page - Vicor Corporation

Part # B048F080M24
Description  BCM Bus Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F080M24 Datasheet(HTML) 4 Page - Vicor Corporation

  B048F080M24 Datasheet HTML 1Page - Vicor Corporation B048F080M24 Datasheet HTML 2Page - Vicor Corporation B048F080M24 Datasheet HTML 3Page - Vicor Corporation B048F080M24 Datasheet HTML 4Page - Vicor Corporation B048F080M24 Datasheet HTML 5Page - Vicor Corporation B048F080M24 Datasheet HTML 6Page - Vicor Corporation B048F080M24 Datasheet HTML 7Page - Vicor Corporation B048F080M24 Datasheet HTML 8Page - Vicor Corporation B048F080M24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F080T24
Rev. 2.1
Page 4 of 12
V•I Chip Bus Converter Module
Figure 8 — Output voltage ripple at full load and 48 Vin with 30 µF ceramic
external bypass capacitor and 20 nH of distribution inductance.
Figure 7 — Output voltage ripple at full load and 48 Vin without any
external bypass capacitor.
Ripple vs. Output Power
10
30
50
70
90
110
130
150
0
30
60
90
120
150
180
210
240
Output Power (W)
Figure 9 — Output voltage ripple vs. output power at 48 Vin without any
external bypass capacitor.
Figure 10 — 0 -30 A load step with 100 µF input capacitor and no
output capacitor.
Figure 11 — 30- 0 A load step with 100 µF input capacitor and no
output capacitor.
Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com