Electronic Components Datasheet Search
  English  ▼

X  

B048F080M24 Datasheet(PDF) 3 Page - Vicor Corporation

Part # B048F080M24
Description  BCM Bus Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F080M24 Datasheet(HTML) 3 Page - Vicor Corporation

  B048F080M24 Datasheet HTML 1Page - Vicor Corporation B048F080M24 Datasheet HTML 2Page - Vicor Corporation B048F080M24 Datasheet HTML 3Page - Vicor Corporation B048F080M24 Datasheet HTML 4Page - Vicor Corporation B048F080M24 Datasheet HTML 5Page - Vicor Corporation B048F080M24 Datasheet HTML 6Page - Vicor Corporation B048F080M24 Datasheet HTML 7Page - Vicor Corporation B048F080M24 Datasheet HTML 8Page - Vicor Corporation B048F080M24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F080T24
Rev. 2.1
Page 3 of 12
V•I Chip Bus Converter Module
Parameter
Min
Typ
Max
Unit
Note
Output voltage
6.34
9.16
Vdc
No load
6.04
8.89
Vdc
Full load
Output power
0
240
W
39 - 55 VIN
0
232
W
38 - 55 VIN
Rated DC current
0
39
Adc
POUT ≤ 240 W
Peak repetitive power
360
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 10
Efficiency
Half load
95.2
96.0
%
See Figure 5
Full load
95.0
95.8
%
See Figure 5
Internal output inductance
1.6
nH
Internal output capacitance
48
µF
Effective value
Load capacitance
2,300
µF
Output overvoltage setpoint
9.3
Vdc
Module will shut down
Output ripple voltage
No external bypass
132
220
mVp-p
See Figures 7 and 9
30 µF bypass capacitor
17
mVp-p
See Figure 8
Short circuit protection set point
42
Adc
Module will shut down
Average short circuit current
0.3
A
Effective switching frequency
3.10
3.20
3.30
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1650
1/6
0.1683
VOUT = K•VIN at no load
Load regulation
ROUT
7.5
10.0
m
Ω
Transient response
Voltage overshoot
200
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn-on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn-on delay
From application of power
270
ms
No output filter; See Figure 3
From release of PC pin
78
ms
No output filter
Efficiency vs. Output Power
82
84
86
88
90
92
94
96
98
0
30
60
90
120
150
180
210
240
Output Power (W)
Figure 5 — Efficiency vs. output power
Power Dissipation
2
4
6
8
10
12
0
30
60
90
120
150
180
210
240
Output Power (W)
Figure 6 — Power dissipation as a function of output power
Output Waveforms
Specifications (continued)
Output (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com