Electronic Components Datasheet Search
  English  ▼

X  

DS1501 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1501 Datasheet HTML 9Page - Maxim Integrated Products DS1501 Datasheet HTML 10Page - Maxim Integrated Products DS1501 Datasheet HTML 11Page - Maxim Integrated Products DS1501 Datasheet HTML 12Page - Maxim Integrated Products DS1501 Datasheet HTML 13Page - Maxim Integrated Products DS1501 Datasheet HTML 14Page - Maxim Integrated Products DS1501 Datasheet HTML 15Page - Maxim Integrated Products DS1501 Datasheet HTML 16Page - Maxim Integrated Products DS1501 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
13 of 22
The third method of reading the time and date uses the alarm function. The alarm can be configured to activate
once per second, and the time-of-day alarm-interrupt enable bit (TIE) is enabled. The TE bit should always be
enabled. When the
IRQ pin goes active, the time and date information does not change until the next update.
SETTING THE CLOCK
It is recommended to halt updates to the external set of double-buffered RTC registers when writing to the clock.
The (TE) bit should be used as described above before loading the RTC registers with the desired RTC count (day,
date, and time) in 24-hour BCD format. Setting the TE bit to 1 transfers the new values written to the internal RTC
registers and allows normal operation to resume.
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between
the capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional
error is added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the
oscillator circuit can result in the clock running fast.
A standard 32.768kHz quartz crystal should be directly connected to the DS1501 X1 and X2 oscillator pins. The
crystal selected for use should have a specified load capacitance (CL) of either 6pF or 12.5pF, and the CS bit set
accordingly. An external 32.768kHz oscillator can also drive the DS1501. When using an external oscillator the X2
pin must be left open. The DS1511 contains an embedded crystal and is factory trimmed to be better than ±1
min/month at +25
°C.
Refer to Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for detailed information.
Table 2. Register Map
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
BCD
RANGE
00H
0
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
02H
0
0
10 Hours
Hour
Hours
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
01–31
05H
EOSC
E32K
BB32
10 Month
Month
Month
01–12
06H
10 Year
Year
Year
00–99
07H
10 Century
Century
Century
00–39
08H
AM1
10 Seconds
Seconds
Alarm Seconds
00–59
09H
AM2
10 Minutes
Minutes
Alarm Minutes
00–59
0AH
AM3
0
10 Hours
Hour
Alarm Hours
00–23
0BH
AM4
Dy/Dt
10 Date
Day/Date
Alarm Day/Date
1–7/1–31
0CH
0.1 Second
0.01 Second
Watchdog
00–99
0DH
10 Second
Second
Watchdog
00–99
0EH
BLF1
BLF2
PRS
PAB
TDF
KSF
WDF
IRQF
Control A
0FH
TE
CS
BME
TPE
TIE
KIE
WDE
WDS
Control B
10H
Extended RAM Address
RAM Address
00–FF
11H
Reserved
12H
Reserved
13H
Extended RAM Data
RAM Data
00–FF
14H-1FH
Reserved
Note:
0 = 0 and are read only.
POWER-UP DEFAULT STATES
These bits are set upon power-up:
EOSC = 0, E32K = 0, TIE = 0, KIE = 0, WDE = 0, and WDS = 0. Unless
otherwise specified, the state of the control/RTC/SRAM bits in the DS1501/DS1511 is not defined upon initial
power application; the DS1501/DS1511 should be properly configured/defined during initial configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com