Electronic Components Datasheet Search
  English  ▼

X  

DS1501 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1501 Datasheet HTML 1Page - Maxim Integrated Products DS1501 Datasheet HTML 2Page - Maxim Integrated Products DS1501 Datasheet HTML 3Page - Maxim Integrated Products DS1501 Datasheet HTML 4Page - Maxim Integrated Products DS1501 Datasheet HTML 5Page - Maxim Integrated Products DS1501 Datasheet HTML 6Page - Maxim Integrated Products DS1501 Datasheet HTML 7Page - Maxim Integrated Products DS1501 Datasheet HTML 8Page - Maxim Integrated Products DS1501 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
3 of 22
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V; TA = 0°C to +70°C; VCC = 0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Current, BB32 = 0,
EOSC = 0
IBAT1
(Note 7)
0.27
1.0
μA
Battery Current, BB32 = 0,
EOSC = 1
IBAT2
(Note 7)
0.01
0.1
μA
VBAUX Current BB32 = 1, SQW Open
IBAUX
(Note 7)
2
μA
CRYSTAL SPECIFICATIONS*
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
45
k
Ω
Load Capacitance
CL
6/12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal Considerations
for Dallas Real-Time Clocks for additional specifications.
AC OPERATING CHARACTERISTICS
(VCC = 5V ±10%, TA = 0°C to +70°C; VCC = 5V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Cycle Time
tRC
70
ns
Address Access Time
tAA
70
ns
CE to DQ Low-Z
tCEL
(Note 8)
5
ns
CE Access Time
tCEA
70
ns
CE Data-Off Time
tCEZ
(Note 8)
25
ns
OE to DQ Low-Z (0°C to +85°C)
tOEL
(Note 8)
5
ns
OE to DQ Low-Z (-40°C to 0°C)
tOEL
(Note 8)
2
ns
OE Access Time
tOEA
35
ns
OE Data-Off Time
tOEZ
(Note 8)
25
ns
Output Hold from Address
tOH
5
ns
Write Cycle Time
tWC
70
ns
Address Setup Time
tAS
0
ns
WE Pulse Width
tWEW
50
ns
CE Pulse Width
tCEW
55
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH
5
ns
Address Hold Time
tAH
0
ns
WE Data-Off Time
tWEZ
(Note 8)
25
ns
Write Recovery Time
tWR
15
ns
Pulse Width,
OE, WE, or CE High
PWHIGH
20
ns
Pulse Width,
OE, WE, or CE Low
PWLOW
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com