Electronic Components Datasheet Search
  English  ▼

X  

DS1501 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1501 Datasheet HTML 14Page - Maxim Integrated Products DS1501 Datasheet HTML 15Page - Maxim Integrated Products DS1501 Datasheet HTML 16Page - Maxim Integrated Products DS1501 Datasheet HTML 17Page - Maxim Integrated Products DS1501 Datasheet HTML 18Page - Maxim Integrated Products DS1501 Datasheet HTML 19Page - Maxim Integrated Products DS1501 Datasheet HTML 20Page - Maxim Integrated Products DS1501 Datasheet HTML 21Page - Maxim Integrated Products DS1501 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
19 of 22
WE only when register 13h is being accessed (Figure 4). The address pointer wraps around after the last address
is accessed.
ORDERING INFORMATION (continued)
PART
VOLTAGE (V)
TEMP RANGE
PIN-PACKAGE
TOP MARK*
DS1501WN+
3.3
-40
°C to +85°C
28 DIP (0.600)
DS1501WN
DS1501WZ+
3.3
0
°C to +70°C
28 SO (0.300)
DS1501ZS
DS1501WZN+
3.3
-40
°C to +85°C
28 SO (0.300)
DS1501WZN
DS1501WZN+T&R
3.3
-40
°C to +85°C
28 SO (0.300)/Tape & Reel
DS1501WZN
DS1501WZ+T&R
3.3
0
°C to +70°C
28 SO (0.300)/Tape & Reel
DS1501WZ
DS1501Y+
5.0
0
°C to +70°C
28 DIP (0.600)
DS1501Y
DS1501YE+
5.0
0
°C to +70°C
28 TSOP
DS1501YE
DS1501YEN+
5.0
-40
°C to +85°C
28 TSOP
DS1501YEN
DS1501YEN+T&R
5.0
-40
°C to +85°C
28 TSOP/Tape & Reel
DS1501YEN
DS1501YE+T&R
5.0
0
°C to +70°C
28 TSOP/Tape & Reel
DS1501YE
DS1501YN+
5.0
-40
°C to +85°C
28 DIP (0.600)
DS1501YN
DS1501YZ+
5.0
0
°C to +70°C
28 SO (0.300)
DS1501YZ
DS1501YZN+
5.0
-40
°C to +85°C
28 SO (0.300)
DS1501YZN
DS1501YZN+T&R
5.0
-40
°C to +85°C
28 SO (0.300)/Tape & Reel
DS1501YZN
DS1501YZ+T&R
5.0
0
°C to +70°C
28 SO (0.300)/Tape & Reel
DS1501YZ
DS1511W+
3.3
0
°C to +70°C
28 EDIP (0.720)
DS1511W
DS1511Y+
5.0
0
°C to +70°C
28 EDIP (0.720)
DS1511Y
+Denotes a lead(Pb)-free/RoHS-compliant package.
* A “+” anywhere on the top mark denotes a lead(Pb)-free package. An N or IND denotes an industrial temperature device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com