Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 71Page - Maxim Integrated Products DS3105 Datasheet HTML 72Page - Maxim Integrated Products DS3105 Datasheet HTML 73Page - Maxim Integrated Products DS3105 Datasheet HTML 74Page - Maxim Integrated Products DS3105 Datasheet HTML 75Page - Maxim Integrated Products DS3105 Datasheet HTML 76Page - Maxim Integrated Products DS3105 Datasheet HTML 77Page - Maxim Integrated Products DS3105 Datasheet HTML 78Page - Maxim Integrated Products DS3105 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
75 of 120
Register Name:
DIVN1
Register Description:
DIVN Register 1
Register Address:
46h
Bit #
7
6
5
4
3
2
1
0
Name
DIVN[7:0]
Default
1
1
1
1
1
1
1
1
Note: The DIVN1 and DIVN2 registers must be read consecutively and written consecutively. See Section 8.3.
Bits 7 to 0: DIVN Factor (DIVN[7:0]). The full 16-bit DIVN[15:0] field spans this register and DIVN2. This field
contains the integer value used to divide the frequency of input clocks that are configured for DIVN mode. The
frequency is divided by DIVN[15:0] + 1. See Section 7.4.2.4.
Register Name:
DIVN2
Register Description:
DIVN Register 2
Register Address:
47h
Bit #
7
6
5
4
3
2
1
0
Name
DIVN[15:8]
Default
0
0
1
1
1
1
1
1
Bits 7 to 0: DIVN Factor (DIVN[15:8]). See the DIVN1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com