Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3105 Datasheet HTML 1Page - Maxim Integrated Products DS3105 Datasheet HTML 2Page - Maxim Integrated Products DS3105 Datasheet HTML 3Page - Maxim Integrated Products DS3105 Datasheet HTML 4Page - Maxim Integrated Products DS3105 Datasheet HTML 5Page - Maxim Integrated Products DS3105 Datasheet HTML 6Page - Maxim Integrated Products DS3105 Datasheet HTML 7Page - Maxim Integrated Products DS3105 Datasheet HTML 8Page - Maxim Integrated Products DS3105 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
Maxim Integrated Products
1
Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of
any device may be simultaneously available through various sales channels. For information about device errata, go to:
www.maxim-ic.com/errata. For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or
visit Maxim’s website at www.maxim-ic.com.
DS3105
Line Card Timing IC
General Description
The DS3105 is a low-cost, feature-rich timing IC for
telecom line cards. Typically, the device accepts two
reference clocks from dual redundant system timing
cards. The DS3105 continually monitors both inputs
and performs automatic hitless reference switching if
the primary reference fails. The highly programmable
DS3105 supports numerous input and output
frequencies
including
frequencies
required
for
SONET/SDH, Synchronous Ethernet (1G, 10G, and
100Mbps), wireless base stations, and CMTS
systems. PLL bandwidths from 18Hz to 400Hz are
supported, and a wide variety of PLL characteristics
and device features can be configured to meet the
needs of many different applications.
The DS3105 register set is backward compatible with
Semtech’s ACS8525 line card timing IC. The DS3105
pinout is similar but not identical to the ACS8525.
Applications
SONET/SDH, Synchronous Ethernet, PDH, and
Other Line Cards in WAN Equipment Including
MSPPs, Ethernet Switches, Routers, DSLAMs,
and Wireless Base Stations
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
DS3105LN
-40
C to +85C
64 LQFP
DS3105LN+
-40
C to +85C
64 LQFP
+Denotes a lead(Pb)-free/RoHS-compliant package.
Features
Advanced DPLL Technology
Programmable PLL Bandwidth: 18Hz to 400Hz
Hitless Reference Switching, Automatic or Manual
Holdover on Loss of All Input References
Frequency Conversion Among SONET/SDH,
PDH, Ethernet, Wireless, and CMTS Rates
Five Input Clocks
Two CMOS/TTL Inputs (≤ 125MHz)
Two LVDS/LVPECL/CMOS/TTL (≤ 156.25MHz)
Backup Input (CMOS/TLL) in Case of Complete
Loss of System Timing References
Three Optional Frame-Sync Inputs (CMOS/TTL)
Continuous Input Clock Quality Monitoring
Numerous Input Clock Frequencies Supported
Ethernet xMII: 2.5, 25, 125, 156.25MHz
SONET/SDH: 6.48, N x 19.44, N x 51.84MHz
PDH: N x DS1, N x E1, N x DS2, DS3, E3
Frame Sync: 2kHz, 4kHz, 8kHz
Custom Clock Rates: Any Multiple of 2kHz Up to
131.072MHz, Any Multiple of 8kHz Up to
155.52MHz
Two Output Clocks
One CMOS/TTL Output (≤ 125MHz)
One LVDS/LVPECL Output (≤ 312.50MHz)
Two Optional Frame-Sync Outputs: 2kHz, 8kHz
Numerous Output Clock Frequencies Supported
Ethernet xMII: 2.5, 25, 125, 156.25, 312.5MHz
SONET/SDH: 6.48, N x 19.44, N x 51.84MHz
PDH: N x DS1, N x E1, N x DS2, DS3, E3
Other: 10, 10.24, 13, 30.72MHz
Frame Sync: 2kHz, 8kHz
Custom Clock Rates: Any Multiple of 2kHz Up to
77.76MHz, Any Multiple of 8kHz Up to
311.04MHz, Any Multiple of 10kHz Up to
388.79MHz
General
Suitable Line Card IC for Stratum 3/3E/4, SMC,
SEC
Internal Compensation for Master Clock Oscillator
SPI™ Processor Interface
1.8V Operation with 3.3V I/O (5V Tolerant)
Industrial Operating Temperature Range
19-4628; Rev 3; 5/09
SPI is a trademark of Motorola, Inc.


Similar Part No. - DS3105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
Line Card Timing IC
REV: 061507
logo
TT Electronics.
DS3105 TTELEC-DS3105 Datasheet
280Kb / 1P
Thermocouple Compensating Cable
logo
Maxim Integrated Produc...
DS3105LN MAXIM-DS3105LN Datasheet
898Kb / 110P
Line Card Timing IC
REV: 061507
More results

Similar Description - DS3105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
Line Card Timing IC
REV: 061507
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
Line Card Timing IC
Rev 3; 5/09
logo
SHENZHEN FUMAN ELECTRON...
SC024 FUMAN-SC024 Datasheet
141Kb / 3P
Cyclic timing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com