Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 45Page - Maxim Integrated Products DS3105 Datasheet HTML 46Page - Maxim Integrated Products DS3105 Datasheet HTML 47Page - Maxim Integrated Products DS3105 Datasheet HTML 48Page - Maxim Integrated Products DS3105 Datasheet HTML 49Page - Maxim Integrated Products DS3105 Datasheet HTML 50Page - Maxim Integrated Products DS3105 Datasheet HTML 51Page - Maxim Integrated Products DS3105 Datasheet HTML 52Page - Maxim Integrated Products DS3105 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
49 of 120
8.4
Register Definitions
Table 8-1. Register Map
Note: Register names are hyperlinks to register definitions. Underlined fields are read-only.
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
ID1
ID[7:0]
01h
ID2
ID[15:8]
02h
REV
REV[7:0]
03h
TEST1
PALARM
D180
—
RA
0
8KPOL
0
0
05h
MSR1
—
—
IC6
IC5
IC4
IC3
—
—
06h
MSR2
STATE
SRFAIL
—
—
—
—
—
IC9
07h
FREQ3
—
—
—
—
—
FREQ[18:16]
08h
MSR3
FSMON
T4LOCK
—
T4NOIN
—
—
—
—
09h
OPSTATE
FSMON
T4LOCK
T0SOFT
T4SOFT
—
T0STATE[2:0]
0Ah
PTAB1
REF1[3:0]
SELREF[3:0]
0Bh
PTAB2
REF3[3:0]
REF2[3:0]
0Ch
FREQ1
FREQ[7:0]
0Dh
FREQ2
FREQ[15:8]
0Eh
VALSR1
—
—
IC6
IC5
IC4
IC3
—
—
0Fh
VALSR2
—
HORDY
—
—
—
—
—
IC9
11h
ISR2
—
—
ACT4
LOCK4
—
—
ACT3
LOCK3
12h
ISR3
—
—
ACT6
LOCK6
—
—
ACT5
LOCK5
14h
ISR5
—
—
—
—
—
—
ACT9
LOCK9
17h
MSR4
—
HORDY
MRAA
—
—
—
—
—
19h
IPR2
PRI4[3:0]
PRI3[3:0]
1Ah
IPR3
PRI6[3:0]
PRI5[3:0]
1Ch
IPR5
—
—
—
—
PRI9[3:0]
22h
ICR3
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
23h
ICR4
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
24h
ICR5
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
25h
ICR6
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
28h
ICR9
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
30h
VALCR1
—
—
IC6
IC5
IC4
IC3
—
—
31h
VALCR2
—
—
—
—
—
—
—
IC9
32h
MCR1
RST
—
FREN
LOCKPIN
—
T0STATE[2:0]
33h
MCR2
—
—
—
—
T0FORCE[3:0]
34h
MCR3
AEFSEN
LKATO
XOEDGE FRUNHO
EFSEN
SONSDH
—
REVERT
35h
MCR4
LKT4T0
—
—
—
T4FORCE[3:0]
36h
MCR5
RSV4
RSV3
RSV2
RSV1
—
—
IC6SF
—
38h
MCR6
DIG2AF
DIG2SS
DIG1SS
—
—
—
—
—
39h
MCR7
DIG2F[1:0]
DIG1F[1:0]
—
—
DIG2SRC DIG1SRC
3Ah
MCR8
—
—
—
—
—
—
OC6SF[1:0]
3Bh
MCR9
AUTOBW
—
—
—
LIMINT
—
—
—
3Ch
MCLK1
MCLKFREQ[7:0]
3Dh
MCLK2
MCLKFREQ[15:8]
40h
HOCR3
AVG
—
—
—
—
—
—
—
41h
DLIMIT1
HARDLIM[7:0]
42h
DLIMIT2
—
—
—
—
—
—
HARDLIM[9:8]
43h
IER1
—
—
IC6
IC5
IC4
IC3
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com