Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX314LEPE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX314LEPE Datasheet HTML 3Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 9Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 10Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Pin Descriptions
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
_______________________________________________________________________________________
7
PIN (TSSOP, SO, DIP)
MAX312L
MAX313L
MAX314L
NAME
FUNCTION
1, 8, 9, 16
1, 8, 9, 16
1, 8, 9, 16
IN1, IN4,
IN3, IN2
Logic Inputs
2, 7, 10, 15
2, 7, 10, 15
2, 7, 10, 15
COM1, COM4,
COM3, COM2
Analog Signal Common Terminals
3, 6, 11, 14
——
NC1, NC4,
NC3, NC2
Analog Signal Normally Closed Terminals
—
3, 6, 11, 14
—
NO1, NO4,
NO3, NO2
Analog Signal Normally Open Terminals
—
—
3, 6
NO1, NO4
Analog Signal Normally Open Terminals
—
—
11, 14
NC3, NC2
Analog Signal Normally Closed Terminals
44
4
V-
Negative Analog Supply Input (connect V- to GND for single-
supply operation)
5
5
5
GND
Ground
12
12
12
N.C.
No Connection. Not internally connected.
13
13
13
V+
Positive Analog Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com