Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEPE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX314LEPE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEPE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX314LEPE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 9Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 10Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 11Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
8
_______________________________________________________________________________________
Applications Information
Low-Distortion Audio
The MAX312L/MAX313L/MAX314L, having very low RON
and very low RON variation with signal amplitude, are
well suited for low-distortion audio applications. The
Typical Operating Characteristics show Total Harmonic
Distortion (THD) vs. Frequency graphs for several signal
amplitudes and impedances. Higher source and load
impedances improve THD, but reduce off-isolation.
Off-Isolation at High Frequencies
In 50Ω systems, the high-frequency on-response of
these parts extends from DC to above 100MHz with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor, and off-isolation
decreases with increasing frequency. (Above 300MHz,
the switch actually passes more signal turned off than
turned on.) This effect is more pronounced with higher
source-and-load impedances.
Above 5MHz, circuit board layout becomes critical, and
it becomes difficult to characterize the response of the
switch independent of the circuit. The graphs shown in
the
Typical Operating Characteristics were taken using a
50Ω source and load connected with BNC connectors.
Power-Supply Sequencing-Free
Operation
Most CMOS switches require specific power-supply
sequencing in order to prevent the devices from latching
up. The older MAX312/MAX313/MAX314 devices require
a proper power-supply sequence of V+, VL, V-, and so
forth. Otherwise, it becomes necessary to add signal
diodes to the circuit in order to protect it from potential
latchups. The new MAX312L/MAX313L/MAX314L
devices eliminate the need for a VL pin and permit the
user to utilize any power-up sequence that is required. It
is, however, important not to exceed the absolute maxi-
mum ratings because stresses beyond the listed ratings
may cause permanent damage to the devices.
Chip Information
TRANSISTOR COUNT: 92
PROCESS: CMOS
PIN (TQFN)
MAX312L
MAX313L
MAX314L
NAME
FUNCTION
7, 9, 17, 19
7, 9, 17, 19
7, 9, 17, 19
IN4, IN3,
IN2, IN1
Logic Inputs
6, 10, 16, 20
6, 10, 16, 20
6, 10, 16, 20
COM4, COM3,
COM2, COM1
Analog Signal Common Terminals
1, 5, 11, 15
——
NC1, NC4,
NC3, NC2
Analog Signal Normally Closed Terminals
—
1, 5, 11, 15
—
NO1, NO4,
NO3, NO2
Analog Signal Normally Open Terminals
—
—
1, 5
NO1, NO4
Analog Signal Normally Open Terminals
—
—
11, 15
NC3, NC2
Analog Signal Normally Closed Terminals
222
V-
Negative Analog Supply Input (connect to GND for single-supply
operation)
4
4
4
GND
Ground
3, 8, 12, 13,
18
3, 8, 12, 13,
18
3, 8, 12, 13,
18
N.C.
No Connection. Not internally connected.
14
14
14
V+
Positive Analog Supply Input
—
—
—
EP
Exposed Pad. Connect EP to V+.
Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com