Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEPE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX314LEPE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEPE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX314LEPE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 9Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 10Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 11Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 12Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 13Page - Maxim Integrated Products MAX314LEPE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
______________________________________________________________________________________
13
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 TSSOP
U16-1
21-0066
16 Narrow SO
S16-8
21-0041
16 Plastic DIP
P16-2
21-0043
20 TQFN
T2055-5
21-0140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com