Electronic Components Datasheet Search
  English  ▼

X  

MAX923C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX923C/D
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX923C/D Datasheet HTML 9Page - Maxim Integrated Products MAX923C/D Datasheet HTML 10Page - Maxim Integrated Products MAX923C/D Datasheet HTML 11Page - Maxim Integrated Products MAX923C/D Datasheet HTML 12Page - Maxim Integrated Products MAX923C/D Datasheet HTML 13Page - Maxim Integrated Products MAX923C/D Datasheet HTML 14Page - Maxim Integrated Products MAX923C/D Datasheet HTML 15Page - Maxim Integrated Products MAX923C/D Datasheet HTML 16Page - Maxim Integrated Products MAX923C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
______________________________________________________________________________________
13
INB+
INB-
INC+
INC-
IND+
IND-
INA+
INA-
OUTA
OUTB
OUTC
OUTD
5
4
7
6
11
10
13
12
750mV
1V
500mV
250mV
250k
250k
250k
250k
182k
9
2
1
16
15
REF
8
V-
V+
GND
14
MAX924
3
+5V
VIN
R1
R2
1.182V
330
Ω
330
Ω
330
Ω
330
Ω
INB+
INB-
INC+
INC-
IND+
IND-
INA+
INA-
OUTA
OUTB
OUTC
OUTD
10k
V+
GND
MAX924
+5V
10k
10k
10k
REF
V-
N.C.
-5V
0 FOR VINA < 0V
1 FOR VINB > 0V
VINA
VINB
VINC
VIND
Figure 7. Bar-Graph Level Gauge
Figure 8. Level Shifter: ±5V Input to CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com