Electronic Components Datasheet Search
  English  ▼

X  

MAX923C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX923C/D
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX923C/D Datasheet HTML 1Page - Maxim Integrated Products MAX923C/D Datasheet HTML 2Page - Maxim Integrated Products MAX923C/D Datasheet HTML 3Page - Maxim Integrated Products MAX923C/D Datasheet HTML 4Page - Maxim Integrated Products MAX923C/D Datasheet HTML 5Page - Maxim Integrated Products MAX923C/D Datasheet HTML 6Page - Maxim Integrated Products MAX923C/D Datasheet HTML 7Page - Maxim Integrated Products MAX923C/D Datasheet HTML 8Page - Maxim Integrated Products MAX923C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
4
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = 5V, V- = GND, TA = +25°C, unless otherwise noted).
0.0
020
OUTPUT VOLTAGE LOW
vs. LOAD CURRENT
0.5
2.5
LOAD CURRENT (mA)
12
1.5
1.0
48
16
2.0
V+ = 5V
V+ = 3V
1.5
010
30
50
OUTPUT VOLTAGE HIGH vs.
LOAD CURRENT
2.5
4.5
LOAD CURRENT (mA)
20
40
3.5
5.0
2.0
4.0
3.0
V+ = 5V
V+ = 3V
1.155
0
5
15
25
REFERENCE OUTPUT VOLTAGE vs.
OUTPUT LOAD CURRENT
1.165
1.185
OUTPUT LOAD CURRENT (
μA)
10
20
1.175
1.190
1.160
1.180
1.170
V+ = 5V
OR
V+ = 3V
30
SINK
SOURCE
ELECTRICAL CHARACTERISTICS: 3V OPERATION (continued)
(V+ = 3V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
Voltage Noise
C/E temp. ranges: IOUT = 10mA;
M temp. range: IOUT = 6mA
MIN
TYP
MAX
UNITS
100Hz to 100kHz
100
µVRMS
Input Common-Mode Voltage Range
V
V-
V+ – 1.3
MAX922/
MAX923
TA = +25°C, 100pF load
C/E temp. ranges: IOUT = 0.8mA;
M temp. range: IOUT = 0.6mA
C/E temp. ranges: IOUT = 0.8mA;
M temp. range: IOUT = 0.6mA
CONDITIONS
Common-Mode Rejection Ratio
0.2
1
mV/V
Power-Supply Rejection Ratio
V- to (V+ – 1.3V)
V+ = 2.5V to 11V
100Hz to 100kHz
0.1
1
mV/V
Voltage Noise
MAX921, MAX923
Overdrive = 10mV
Overdrive = 100mV
20
µVRMS
Hysteresis Input Voltage Range
REF- 0.05V
REF
V
14
µs
Response Time
5
C temp. range
V
Output High Voltage
E temp. range
MAX92_
M temp. range
V+ – 0.4
TA = +25°C
V- + 0.4
V
15
25
µA
C/E temp. ranges
6
Source Current
M temp. range
4
TA = +25°C
GND + 0.4
Output Low Voltage
815
MAX921/
MAX924
µA
C/E temp. ranges
4
Sink Current
1.170
1.182
1.194
V
M temp. range
1.158
1.206
Reference Voltage
2
1.147
1.217
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com