Electronic Components Datasheet Search
  English  ▼

X  

MAX923C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX923C/D
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX923C/D Datasheet HTML 1Page - Maxim Integrated Products MAX923C/D Datasheet HTML 2Page - Maxim Integrated Products MAX923C/D Datasheet HTML 3Page - Maxim Integrated Products MAX923C/D Datasheet HTML 4Page - Maxim Integrated Products MAX923C/D Datasheet HTML 5Page - Maxim Integrated Products MAX923C/D Datasheet HTML 6Page - Maxim Integrated Products MAX923C/D Datasheet HTML 7Page - Maxim Integrated Products MAX923C/D Datasheet HTML 8Page - Maxim Integrated Products MAX923C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
5
1.22
1.14
-60
-20
60
140
REFERENCE VOLTAGE
vs. TEMPERATURE
1.16
1.20
TEMPERATURE (
°C)
20
100
1.18
1.21
1.15
1.19
1.17
-40
0
80
40
120
MILITARY TEMP. RANGE
EXTENDED TEMP. RANGE
COMMERCIAL
TEMP. RANGE
2.0
-60
140
MAX921
SUPPLY CURRENT vs.
TEMPERATURE
2.5
4.5
TEMPERATURE (
°C)
60
3.5
3.0
-20
20
100
4.0
V+ = 5V, V- = - 5V
V+ = 3V, V- = 0V
V+ = 5V, V- = 0V
IN+ = (IN- + 100mV)
4.5
1.5
-60
140
MAX922
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 10V, V- = 0V
4.5
5.0
-60
140
MAX923
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
80
-80
010
30
50
HYSTERESIS CONTROL
-40
40
VREF -VHYST (mV)
20
40
0
60
-60
20
-20
NO CHANGE
OUTPUT LOW
OUTPUT HIGH
10
3
-60
140
MAX924
SUPPLY CURRENT vs. TEMPERATURE
4
8
TEMPERATURE (
°C)
60
6
5
-20
20
100
7
9
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 5V, V- = -5V
10
0.01
1.0
2.0
2.5
MAX924
SUPPLY CURRENT vs.
LOW SUPPLY VOLTAGES
0.1
1
SINGLE-SUPPLY VOLTAGE (V)
1.5
5.0
0
-0.3
-0.1
0.3
TRANSFER FUNCTION
1.0
4.0
IN+ INPUT VOLTAGE (mV)
0.1
3.0
2.0
4.5
0.5
3.5
2.5
1.5
-0.2
0
0.2
100k
V0
10
μF
18
2
0
20
60
100
RESPONSE TIME vs.
LOAD CAPACITANCE
6
14
LOAD CAPACITANCE (nF)
40
80
10
16
4
12
8
VOLH
V- = 0V
VOHL
Typical Operating Characteristics (continued)
(V+ = 5V, V- = GND, TA = +25°C, unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com