Electronic Components Datasheet Search
  English  ▼

X  

MAX3465CSD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3465CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 10Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAX3465/MAX3466
Function Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
SHDN
Z
Y
X
1
1001
X
1
0010
0
0
X
0
High-Z
High-Z
1
0
X
X
Shutdown
X
X
X
1
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A - B
SHDN
RO
0X
≥ -0.05V
0
1
0X
≤ -0.2V
0
0
0
X
Open/Shorted
0
1
1
1
X
0
High-Z
1
0
X
X
Shutdown
X
X
X
1
Shutdown
MAX3467
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
10
1
01
0
RECEIVING
INPUTS
OUTPUT
A - B
RO
≥ -0.05V
1
≤ -0.2V
0
Open/Shorted
1
MAX3468/MAX3469
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B
A
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A - B
RO
0X
≥ -0.05V
1
0X
≤ -0.2V
0
0
X
Open/Shorted
1
1
1
X
High-Z
1
0
X
Shutdown
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
_______________________________________________________________________________________
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com