Electronic Components Datasheet Search
  English  ▼

X  

MAX3465CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3465CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
_______________________________________________________________________________________
5
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
12
14
16
18
20
10
-40
85
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
6
8
10
12
4
-40
85
RDIFF = 54
Ω
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.5
3.0
3.5
2.0
-40
85
RDIFF = 54
Ω
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
4
3
2
1
1
10
100
0.1
05
OUTPUT CURRENT vs. DRIVER OUTPUT
LOW VOLTAGE (TA = +25
°C)
OUTPUT LOW VOLTAGE (V)
9
6
3
40
80
120
160
200
0
012
-160
-120
-80
-40
0
-7
-1
-5
-3
1
3
5
OUTPUT CURRENT
vs. DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
50
100
150
200
250
300
0
-40
85
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
75
100
125
150
175
200
50
-40
85
IO = -4mA
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
4.65
4.70
4.75
4.80
4.85
4.90
4.60
-40
85
IO = 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com