Electronic Components Datasheet Search
  English  ▼

X  

MAX3465CSD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3465CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
DRIVER AND RECEIVER
PROPAGATION DELAYS
MAX3465 toc13
10ns/div
5V/div
5V/div
2V/div
Y, Z
DI
RO
RDIFF = 54
Ω
DATA RATE = 20Mbps
ENABLE RESPONSE TIME
MAX3465 toc14
20ns/div
5V/div
1V/div
Y, Z
DE
RDIFF = 54
Ω
EYE DIAGRAM
MAX3465 toc15
10ns/div
1V/div
Y, Z
RDIFF = 54
Ω
DATA RATE = 20Mbps
Pin Description
PIN
FULL DUPLEX
HALF
DUPLEX
MAX3465/
MAX3466
MAX3467
MAX3468/
MAX3469
NAME
FUNCTION
1
—
—
SHDN
Shutdown. Drive SHDN high to enter low-power shutdown mode.
22
1
RO
Receiver Output. When RE is low and (A - B)
≥ -50mV, RO is high; if (A - B) ≤
-200mV, RO is low.
3—
2
RE
Receiver Output Enable. Drive RE low to enable RO; RO is high impedance
when RE is high. Drive RE high and DE low to enter low-power shutdown mode.
4—
3
DE
Driver Output Enable. Drive DE high to enable driver output. The driver
outputs are high impedance when DE is low. Drive RE high and DE low to
enter low-power shutdown mode. Do not leave RE unconnected when using
the MAX3466 or MAX3469.
53
4
DI
Driver Input. With DE high, a low on DI forces the noninverting output low and
the inverting output high. Similarly, a high on DI forces the noninverting output
high and the inverting output low.
6, 7
4
5
GND
Ground
8
—
—
TXP
Transmitter Phase. Connect TXP to GND, or leave unconnected for normal
transmitter phase/polarity. Connect TXP to VCC to invert the transmitter
phase/polarity. TXP has an internal 15µA pulldown.
9
5
—
Y
Noninverting Driver Output
10
6
—
Z
Inverting Driver Output
11
7
—
B
Inverting Receiver Input
12
8
—
A
Noninverting Receiver Input
13
—
—
RXP
Receiver Phase. Connect RXP to GND, or leave unconnected for normal
receiver phase/polarity. Connect RXP to VCC to invert the receiver
phase/polarity. RXP has an internal 15µA pulldown.
14
1
8
VCC
Positive Supply: +4.75V
≤ VCC ≤ +5.25V. Bypass VCC to GND with a 0.1µF capacitor.
—
—
7
B
Inverting Receiver Input and Inverting Driver Output
—
—
6
A
Noninverting Receiver Input and Noninverting Driver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com