Electronic Components Datasheet Search
  English  ▼

X  

MAX4821 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4821 Datasheet HTML 4Page - Maxim Integrated Products MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products MAX4821 Datasheet HTML 10Page - Maxim Integrated Products MAX4821 Datasheet HTML 11Page - Maxim Integrated Products MAX4821 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
is shifted through all the MAX4820s in series. When CS
goes high, all outputs update simultaneously.
The MAX4820 can also be used in a slave configuration
that allows the user to address individual devices.
Connect all the DIN pins together, and use the CS input
to address one device at a time. Drive CS low to select
a slave and input the data into the shift register. Drive
CS high to latch the data and turn on the appropriate
outputs. Typically, in this configuration only one slave is
addressed at a time.
3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
_______________________________________________________________________________________
9
COMPANY
PHONE
WEBSITE
Aromat Corp.
310-524-9862 www.aromat.com
CP Clare Corp.
978-524-6700 www.crouzet.com
Coto Techonology
401-943-2686 www.cotorelay.com
Deustch Relays,
Inc.
516-499-6000 www.deutschrelays.com
Fujitsu
Takamisawa
408-745-4900 www.fujitsufta.com
Hella KG Hueck
734-414-0970 www.hella.com
COMPANY
PHONE
WEBSITE
NEC Electronics,
Inc.
800-366-9782 www.nec-global.com
Omron
Electronics, Inc.
847-843-7900 www.oeiweb.omron.com
Rockwell/Allen-
Bradley
414-382-2000 www.ab.com
Siemens
Electromechanical
Component, Inc.
770-371-3000 www.sec.siemens.com
Teledyne Relays
213-777-0077 www.teledynerelays.com
Relay Manufacturers
Typical Application Circuits
MAX4820
RESET
SET
CLK
CS
DIN
DOUT
OUT1
RELAY
COIL 1
RELAY
COIL 8
OUT8
COM
PGND
VCC
VCC
VCC
0.1
μF
GND
MAX4821
RESET
SET
A0
A1
CS
LVL
OUT1
RELAY
COIL 1
RELAY
COIL 8
OUT8
COM
PGND
VCC
VCC
VCC
0.1
μF
GND
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com