Electronic Components Datasheet Search
  English  ▼

X  

MAX4821 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4821 Datasheet HTML 1Page - Maxim Integrated Products MAX4821 Datasheet HTML 2Page - Maxim Integrated Products MAX4821 Datasheet HTML 3Page - Maxim Integrated Products MAX4821 Datasheet HTML 4Page - Maxim Integrated Products MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, VCOM = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC, COM..............................................................-0.3V to +6.0V
OUT_........................................................-0.3V to (VCOM + 0.3V)
CS, SCLK, DIN, SET, RESET, A0, A1, A2, LVL......-0.3V to +6.0V
DOUT..........................................................-0.3V to (VCC + 0.3V)
Continuous OUT_ Current (all outputs turned on) ............150mA
Continuous OUT_ Current (single output turned on) ........300mA
Continuous Power Dissipation (TA = +70°C)
20-Lead Thin QFN
(derate 16.9mW/°C above +70°C) .................................1350mW
θJA (Note 1)............................................................59.3°C/W
20-Pin TSSOP
(derate 21.7mW/°C above +70°C) .................................1739mW
θJA (Note 1)...............................................................46°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature (10s) ...........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VCC
2.3
5.5
V
VCC = 3.6V
15
50
Quiescent Current
IQ
IOUT_ = 0,
logic inputs = 0V or VCC
VCC = 5.5V
20
70
µA
Thermal Shutdown
160
°C
Power-On Reset
0.8
1.5
2.2
V
Power-On Reset Hysteresis
140
mV
DIGITAL INPUTS (SCLK, DIN,
CS, LVL, A0, A1, A2, RESET, SET)
VCC = 3.3V
2.0
Input Logic-High Voltage
VIH
VCC = 5V
2.4
V
VCC = 3.3V
0.6
Input Logic-Low Voltage
VIL
VCC = 5V
0.8
V
Input Logic Hysteresis
VHYST
150
mV
Input Leakage Currents
ILEAK
Input voltages = 0V or 5.5V
-1.0
0.01
+1.0
µA
CIN Input Capacitance
CIN
5pF
DIGITAL OUTPUT (DOUT)
DOUT Low Voltage
VOL
ISINK = 6mA
0.4
V
DOUT High Voltage
VOH
ISOURCE = 0.5mA
VCC - 0.5
V
RELAY OUTPUT DRIVERS (OUT1–OUT8)
VCC = 2.7V
70
OUT_ Drive Current
VCC = 4.5V
70
mA
OUT_ On-Resistance
RON
VCC = 2.7V
2
6
Ω
OUT_ Voltage
VOUT_VCC = 3.0V, IOUT_ = 70mA
0.4
V
IOUT Off-Leakage Current
ILEAK
VOUT_ = VCC, all outputs off
-1
+1
µA
Kickback Diode Forward Voltage
VFORW
IOUT_ = 150mA (Note 3)
1.5
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specifications. For detailed information on
package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com