Electronic Components Datasheet Search
  English  ▼

X  

MAX4821 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4821
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4821 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4821 Datasheet HTML 1Page - Maxim Integrated Products MAX4821 Datasheet HTML 2Page - Maxim Integrated Products MAX4821 Datasheet HTML 3Page - Maxim Integrated Products MAX4821 Datasheet HTML 4Page - Maxim Integrated Products MAX4821 Datasheet HTML 5Page - Maxim Integrated Products MAX4821 Datasheet HTML 6Page - Maxim Integrated Products MAX4821 Datasheet HTML 7Page - Maxim Integrated Products MAX4821 Datasheet HTML 8Page - Maxim Integrated Products MAX4821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
_______________________________________________________________________________________
5
INPUT LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
2.7
3.1
3.5
3.9
4.3
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.50
2.3
5.5
PIN
MAX4820
MAX4821
THIN
QFN
TSSOP
THIN
QFN
TSSOP
NAME
FUNCTION
13
13
RESET
Reset Input. Drive RESET low to clear all latches and registers (all outputs
are turned off). RESET overrides all other inputs. If RESET and SET are pulled
low at the same time, then RESET takes precedence.
24
24
CS
Chip-Select Input.
MAX4820: Drive CS low to select the device. When CS is low, data at DIN is
clocked into the 8-bit shift register on SCLK’s rising edge. Drive CS from low
to high to latch the data to the registers and activate the appropriate relays.
MAX4821: Drive CS low to select the device and set level on LVL. Drive CS
from low to high to latch the address and level data to the output.
3
5
—
—
DIN
Serial-Data Input
4
6
—
—
SCLK
Serial-Clock Input
5
7
—
—
DOUT
Serial-Data Output. DOUT is the output of the 8-bit shift register. This output
can be used to daisy chain multiple MAX4820s. The data at DOUT appears
synchronous to SCLK’s falling edge.
6
8
—
—
N.C.
No Connection
7
9
7
9
GND
Ground
8
10
8
10
OUT8
Open-Drain Output 8. Connect OUT8 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
9
11
9
11
OUT7
Open-Drain Output 7. Connect OUT7 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
10, 16
12, 18
10, 16
12, 18
PGND
Power Ground. PGND is a return for the output sinks. Connect PGND pins
together and to GND.
11
13
11
13
OUT6
Open-Drain Output 6. Connect OUT6 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
Typical Operating Characteristics (continued)
(VCOM = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
BACK EMF CLAMPING
WITH STANDARD 3V RELAY
MAX4820 toc11
200
μs/div
VCS
5V/div
0
0
OUT_
1V/div
OUT_ TURNS OFF
VCC = 3.3V
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com