Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 4Page - Maxim Integrated Products MAX9513 Datasheet HTML 5Page - Maxim Integrated Products MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products MAX9513 Datasheet HTML 10Page - Maxim Integrated Products MAX9513 Datasheet HTML 11Page - Maxim Integrated Products MAX9513 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
8
_______________________________________________________________________________________
PULLDOWN RESISTANCE
DISTRIBUTION
PULLDOWN RESISTANCE (
Ω)
5.5
5.0
4.0 4.5
2.0 2.5 3.0 3.5
1.5
1.0
6.0
PULLDOWN RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2.0
-50
125
FREQUENCY RESPONSE
AT 6.75MHz DISTRIBUTION
ATTENUATION (dB)
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
0
Typical Operating Characteristics (continued)
(VDD = VSHDN = +3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V. RL = 150Ω to GND. TA = +25°C, unless otherwise noted.)
FIELD SQUARE-WAVE RESPONSE
MAX9513 toc16
2ms/div
CVBSIN
500mV/div
CVBSOUT1
1V/div
ENABLE TIME
MAX9513 toc17
2
μs/div
OUTPUT
1V/div
SHDN
1V/div
INPUT VOLTAGE = 1V
DISABLE TIME
MAX9513 toc18
200ns/div
OUTPUT
1V/div
SHDN
1V/div
INPUT VOLTAGE = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com