Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 12Page - Maxim Integrated Products MAX9513 Datasheet HTML 13Page - Maxim Integrated Products MAX9513 Datasheet HTML 14Page - Maxim Integrated Products MAX9513 Datasheet HTML 15Page - Maxim Integrated Products MAX9513 Datasheet HTML 16Page - Maxim Integrated Products MAX9513 Datasheet HTML 17Page - Maxim Integrated Products MAX9513 Datasheet HTML 18Page - Maxim Integrated Products MAX9513 Datasheet HTML 19Page - Maxim Integrated Products MAX9513 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
16
______________________________________________________________________________________
Y/C SEPARATION
CVBS1
EXTCVBSIN
CVBSOUT1
SHDN
INT/EXT
LOGIC-
LOW
ACTIVE VIDEO
DETECT
SMARTSLEEP
CVBSIN
CVBSOUT2
CONTROL
LOGIC
+3.3V
GND
+3.3V
0.1
μF
VDD
CLAMP
OFF
75
Ω
BUFFER
LOAD SENSE
6dB
75
Ω
LOAD SENSE
6dB
LPF
MAX9513
0.1
μF
11.6mA PLUS
LOAD CURRENT
CURRENT
DAC
DVD CHIP
MICROCONTROLLER
Figure 7. Internal Mode Operation for Portable DVD Application
Internal Mode Versus External Mode
Internal Mode
Set the INT/EXT control input low for internal mode. The
MAX9513 processes video signals from an internal
source such as a DVD chip (Figure 7). The 2:1 multi-
plexer selects the video signal on CVBSIN. The
EXTCVBSIN video signal is ignored.
External Mode
Set the INT/EXT control input high for external mode.
The 2:1 multiplexer selects the video signal on
EXTCVBSIN (Figure 8). The CVBSIN signal is ignored.
The block drawing of the MAX9513 in Figure 8 shows
which circuits are off while in external mode.
SmartSleep does not function in external mode, and the
SMARTSLEEP input is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com