Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9513 Datasheet HTML 1Page - Maxim Integrated Products MAX9513 Datasheet HTML 2Page - Maxim Integrated Products MAX9513 Datasheet HTML 3Page - Maxim Integrated Products MAX9513 Datasheet HTML 4Page - Maxim Integrated Products MAX9513 Datasheet HTML 5Page - Maxim Integrated Products MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX9513 CVBS video filter amplifier with
SmartSleep and bidirectional video support is ideal for
portable DVD players and portable media players
(PMPs). The input can be directly connected to the digi-
tal-to-analog converter (DAC) output. The reconstruction
filter removes high-frequency signals above 6.75MHz.
The amplifiers have 6dB of gain, and the outputs can be
DC-coupled to a load of 75
Ω, which is equivalent to two
video loads, or can be AC-coupled to a load of 150
Ω.
The SmartSleep circuitry intelligently reduces power
consumption based on the presence of the input signal
and the output loads. When the MAX9513 does not
detect the presence of sync on the input video signal,
the supply current is reduced to less than 7µA. The
device only enables a video amplifier when there is an
active video input signal and an attached load. The
video amplifier remains on while a load is connected. If
the load is disconnected, the video amplifier is turned off.
The MAX9513 contains one reconstruction filter, two
video amplifiers, and a pulldown switch at one of the
two CVBS outputs. The MAX9513 has the ability to con-
trol the bidirectional video signals at the CVBS video
connections without the need for separate switches or
relays. This feature is particularly useful for portable
DVD players, which often use the same connector to
drive a composite video output and to accept an exter-
nal video signal to display on the LCD panel.
The MAX9513 operates from a 2.7V to 3.6V single supply
and is offered in a small 16-pin TQFN (3mm x 3mm)
package. The device is specified over the -40°C to
+125°C automotive temperature range.
Applications
Portable DVD Players
Portable Set-Top Boxes
Personal Video Recorders (PVRs)
Portable Media Players (PMPs)
Portable Video
Features
♦ SmartSleep Feature Detects Input Signal and
Output Load Status to Reduce Power
Consumption
♦ Standard-Definition Video Reconstruction Filter
with 6.75MHz Passband
♦ Two Composite Inputs and Outputs
♦ Integrated Support for a Bidirectional Composite
Video Signal
♦ Supports Two Video Loads at Each Output
(DC-Coupled)
♦ 2.7V to 3.6V Single-Supply Operation
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0604; Rev 1; 2/09
EVALUATION
KIT
AVAILABLE
PART
PIN-PACKAGE
TOP MARK
MAX9513ATE+
16 TQFN-EP* (3mm x 3mm)
AFC
Block Diagrams
Note:
The device is specified over the -40°C to +125°C operat-
ing temperature range.
+
Denotes lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
EXTCVBSIN
CVBSOUT1
SHDN
INT/EXT
ACTIVE VIDEO
DETECT
SMARTSLEEP
CVBSIN
CVBSOUT2
CONTROL
LOGIC
CLAMP
BUFFER
LOAD SENSE
6dB
LOAD SENSE
6dB
LPF
MAX9513
Block Diagrams continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
logo
Analog Devices
MAX9513 AD-MAX9513 Datasheet
648Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
logo
Maxim Integrated Produc...
MAX9513AEE MAXIM-MAX9513AEE Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513ATE MAXIM-MAX9513ATE Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
logo
Analog Devices
MAX9513ATE+ AD-MAX9513ATE+ Datasheet
648Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
More results

Similar Description - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7446 MAXIM-MAX7446 Datasheet
239Kb / 6P
4-Channel Video Filter for RGB and CVBS Video
Rev 0; 8/03
MAX7447 MAXIM-MAX7447 Datasheet
239Kb / 6P
4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
Rev 0; 8/03
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9512 MAXIM-MAX9512 Datasheet
347Kb / 19P
Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX7446 MAXIM-MAX7446_V01 Datasheet
190Kb / 6P
4-Channel Video Filter for RGB and CVBS Video
19-2951; Rev 2; 2/07
MAX7447 MAXIM-MAX7447_V01 Datasheet
286Kb / 6P
4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
19-2950; Rev 1; 4/06
MAX7448 MAXIM-MAX7448_V01 Datasheet
289Kb / 7P
4-Channel RGB Video Filter with Asynchronous CVBS Input
19-2989; Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com