Electronic Components Datasheet Search
  English  ▼

X  

MAX9867 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 9Page - Maxim Integrated Products MAX9867 Datasheet HTML 10Page - Maxim Integrated Products MAX9867 Datasheet HTML 11Page - Maxim Integrated Products MAX9867 Datasheet HTML 12Page - Maxim Integrated Products MAX9867 Datasheet HTML 13Page - Maxim Integrated Products MAX9867 Datasheet HTML 14Page - Maxim Integrated Products MAX9867 Datasheet HTML 15Page - Maxim Integrated Products MAX9867 Datasheet HTML 16Page - Maxim Integrated Products MAX9867 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Ultra-Low Power Stereo Audio Codec
______________________________________________________________________________________
13
TOTAL HARMONIC DISTORTION + NOISE
vs. POWER OUT (DAC TO HEADPHONE)
POWER OUT (mW)
15
10
30
525
20
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
035
MCLK = 13MHz
LRCLK = 8kHz
RLOAD = 32
Ω
DIFFERENTIAL MODE
3kHz
20Hz
1kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. POWER OUT (DAC TO HEADPHONE)
POWER OUT (mW)
50
40
20
10
30
60
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
0
MCLK = 13MHz
LRCLK = 8kHz
RLOAD = 16
Ω
DIFFERENTIAL MODE
3kHz
20Hz
1kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. POWER OUT (DAC TO HEADPHONE)
POWER OUT (mW)
15
10
30
525
20
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
035
MCLK = 12.288MHz
LRCLK = 48kHz
RLOAD = 32
Ω
DIFFERENTIAL MODE
6kHz
20Hz
1kHz
Typical Operating Characteristics
(VAVDD = VDVDD = VPVDD = +1.8V, CREF = 2.2µF, CMICBIAS = CPREG = CREG = 1µF, AVMICPGA = 0dB, MCLK = 13MHz, LRCLK =
8kHz, BW = 20Hz to fS/2, TA = +25°C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION + NOISE
vs. POWER OUT (DAC TO HEADPHONE)
POWER OUT (mW)
50
40
20
10
30
60
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
0
MCLK = 12.288MHz
LRCLK = 48kHz
RLOAD = 16
Ω
DIFFERENTIAL MODE
6kHz
20Hz
1kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HEADPHONE)
FREQUENCY (Hz)
1000
100
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
10
10,000
MCLK = 13MHz
LRCLK = 8kHz
RLOAD = 32
Ω
DIFFERENTIAL MODE
5mW
20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HEADPHONE)
FREQUENCY (Hz)
1000
100
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
10
10,000
MCLK = 13MHz
LRCLK = 8kHz
RLOAD = 16
Ω
DIFFERENTIAL MODE
5mW
20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HEADPHONE)
FREQUENCY (Hz)
100
10,000
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
10
1000
100,000
MCLK = 12.288MHz
LRCLK = 48kHz
RLOAD = 32
Ω
DIFFERENTIAL MODE
5mW
20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HEADPHONE)
FREQUENCY (Hz)
100
10,000
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
10
1000
100,000
MCLK = 12.288MHz
LRCLK = 48kHz
RLOAD = 16
Ω
DIFFERENTIAL MODE
5mW
20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. POWER OUT (DAC TO HEADPHONE)
POWER OUT (mW)
410
68
2
-50
-40
-30
-80
-70
-60
-20
-10
0
-90
0
MCLK = 13MHz
LRCLK = 8kHz
RLOAD = 32
Ω
CAPACITORLESS MODE
3kHz
20Hz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com